Electronic Components Datasheet Search
  English  ▼

X  

ADP1822 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP1822
Description  PWM, Step-Down DC-to-DC Controller with Margining and Tracking
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1822 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP1822 Datasheet HTML 12Page - Analog Devices ADP1822 Datasheet HTML 13Page - Analog Devices ADP1822 Datasheet HTML 14Page - Analog Devices ADP1822 Datasheet HTML 15Page - Analog Devices ADP1822 Datasheet HTML 16Page - Analog Devices ADP1822 Datasheet HTML 17Page - Analog Devices ADP1822 Datasheet HTML 18Page - Analog Devices ADP1822 Datasheet HTML 19Page - Analog Devices ADP1822 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADP1822
Rev. B | Page 16 of 24
FEEDBACK VOLTAGE DIVIDER
For example, for an output voltage of 1.0 V and a ±5% margin,
choose
The output regulation voltage is set through the feedback
voltage divider. The output voltage is reduced through the
voltage divider and drives the FB feedback input. The regulation
threshold at FB is 0.6 V. For the low-side resistor of the voltage
divider, R
RBOT = 10 kΩ
(16)
Thus,
BOT
, use 10 kΩ. A larger value resistor can be used but
results in a reduction in output voltage accuracy. Choose R
kΩ
67
.
6
=
⎥
⎦
⎤
⎢
⎣
⎡
−
=
FB
FB
OUT
BOT
TOP
V
V
V
R
R
TOP
to
set the output voltage by
(17)
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
FB
FB
OUT
BOT
TOP
V
V
V
R
R
(13)
and
(
)(
)
kΩ
80
=
⎥
⎦
⎤
⎢
⎣
⎡
+
=
MUP
BOT
TOP
BOT
TOP
UP
K
R
R
R
R
R
where:
R
(18)
TOP
is the high-side voltage divider resistance.
RBOT is the low-side voltage divider resistance.
V
and
OUT
is the regulated output voltage.
V is the feedback regulation threshold, 0.6 V.
kΩ
7
.
46
1
=
⎥
⎦
⎤
⎢
⎣
⎡
−
−
⎥
⎦
⎤
⎢
⎣
⎡
=
MDN
OUT
FB
MDN
TOP
DN
K
V
V
K
R
R
FB
(19)
SETTING THE VOLTAGE MARGIN
The output voltage is margined by connecting a resistor from
FB to GND (for the high margin voltage) or FB to the output
voltage (for low margin voltage). The switches for margining are
supplied inside the ADP1822 and are controlled by the MAR
and MSEL inputs (see
COMPENSATING THE REGULATOR
The output of the error amplifier at COMP is used to compensate
the regulation control system. Connect a resistor capacitor (RC)
network from COMP to FB to compensate the regulator.
Table 1).
The first step of selecting the compensation components is
determining the desired regulation-control crossover frequency,
f
Choose the high margin resistor by
()(
)
MUP
BOT
TOP
BOT
TOP
UP
K
R
R
R
R
R
⎥
⎦
⎤
⎢
⎣
⎡
+
=
CO
(14)
. Choose a crossover frequency approximately 1/10 of the
switching frequency, or
10
SW
CO
f
f
=
(20)
where:
RUP is the up-margin resistor from MUP to GND.
R
The characteristics of the output capacitor affect the compensation
required to stabilize the regulator. The output capacitor acts
with its ESR to form a zero. Calculate the ESR zero frequency by
BOT
is the bottom voltage divider resistor from FB to GND.
RTOP is the top voltage divider resistor from FB to the output
voltage.
KMUP is the high voltage margin as a ratio of the output voltage
(for example, margining 4% up would be KMUP = 0.04).
Choose the low margin resistor by the equation
⎥
⎦
⎤
⎢
⎣
⎡
−
−
⎥
⎦
⎤
⎢
⎣
⎡
=
MDN
OUT
FB
MDN
TOP
DN
K
V
V
K
R
R
1
(15)
where:
RDN is the down-margin resistor.
RTOP is the top voltage divider resistor from FB to the output
voltage.
VFB is the 0.6 V feedback voltage.
VOUT is the nominal output voltage setting.
KMDN is the down-margin as a ratio of the nominal output voltage
(for example, margining 4% down would be KMDN = 0.04).
()( )
ESR
C
f
OUT
ESRZ
π
2
1
=
(21)
Note that as similar capacitors are placed in parallel, the ESR
zero frequency remains the same.
≤ f
If fESRZ
CO
/2, use the ESR zero to stabilize the regulator (see the
section). If f
≥ 2f
Compensation Using the ESR Zero
ESRZ
CO
, use a
feed-forward network to stabilize the regulator (see the
Compensation Using Feed-Forward section). If fCO/2 < fESRZ < 2fCO,
then use both the ESR zero and feed-forward zeros to stabilize
the regulator (see the Compensation Using Both the ESR and
Feed-Forward Zeros section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com