Electronic Components Datasheet Search
  English  ▼

X  

ADP1822 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP1822
Description  PWM, Step-Down DC-to-DC Controller with Margining and Tracking
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1822 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP1822 Datasheet HTML 8Page - Analog Devices ADP1822 Datasheet HTML 9Page - Analog Devices ADP1822 Datasheet HTML 10Page - Analog Devices ADP1822 Datasheet HTML 11Page - Analog Devices ADP1822 Datasheet HTML 12Page - Analog Devices ADP1822 Datasheet HTML 13Page - Analog Devices ADP1822 Datasheet HTML 14Page - Analog Devices ADP1822 Datasheet HTML 15Page - Analog Devices ADP1822 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADP1822
Rev. B | Page 12 of 24
THEORY OF OPERATION
The ADP1822 is a versatile, economical, synchronous-rectified,
fixed frequency, voltage-mode, pulse-width modulated (PWM)
step-down controller capable of generating an output voltage as
low as 0.6 V. It is ideal for a wide range of high power
applications, such as DSP and processor core power in telecom,
medical imaging, and industrial applications. The ADP1822
controller runs from 3.0 V to 5.5 V and accepts a power input
voltage between 1.0 V and 20 V.
The ADP1822 includes circuitry to implement output voltage
margining and can track an external voltage, making it ideal for
high reliability applications with multiple dc-to-dc converters. It
operates at a fixed, internally set 300 kHz or 600 kHz switching
frequency that is controlled by the state of the FREQ input. The
high frequency reduces external component size and cost while
maintaining high efficiency. For noise sensitive applications
where the switching frequency needs to be more tightly con-
trolled, synchronize the ADP1822 to an external signal whose
frequency is between 300 kHz and 1.2 MHz.
The ADP1822 includes adjustable soft start with output reverse-
current protection, and a unique, adjustable, lossless current
limit. It operates over the −40°C to +85°C temperature range
and is available in a space-saving, 24-lead QSOP package.
CURRENT-LIMIT SCHEME
The ADP1822 employs a unique, programmable cycle-by-cycle
lossless current-sensing scheme that uses an inexpensive
resistor to set the current limit. A 50 μA current source is forced
out of CSL to a programming resistor connected to SW. The
resulting voltage across the current sense resistor sets the
current-limit threshold. When on-state voltage of the low-side
MOSFET synchronous rectifier exceeds the programmed
threshold, the low-side MOSFET remains on, preventing
another on cycle and reducing the inductor current. Once the
MOSFET voltage and thus the inductor current is below the
current-sense threshold, the synchronous rectifier is allowed to
turn off and another cycle begins.
When the ADP1822 senses an overcurrent condition, SS sinks
current from the soft start capacitor through an internal 2.5 kΩ
resistor, reducing the voltage at SS and thus reducing the
regulated output voltage. The ADP1822 remains in this mode
for as long as the over-current condition persists. When the
over-current condition is removed, operation resumes in soft
start mode. This ensures that when the overload condition is
removed, the output voltage smoothly transitions back to
regulation while providing protection for overload and short-
circuit conditions.
OUTPUT VOLTAGE MARGINING
The ADP1822 features output voltage margining. MAR enables
voltage margining, and MSEL controls whether the voltage is
margined up or down.
The voltage is margined by switching a resistor from FB to
GND (for the high margin) or from FB to the output voltage
(for the low margin). The switches from FB are internal to the
ADP1822 through the MUP and MDN terminals. Table 4 shows
the states of MAR and MSEL and the resulting voltage margin
setting. See the Setting the Voltage Margin section for more
information.
Table 4. Voltage Margining Control
MSEL
MAR
Voltage Margin
X
L
None (FB not changed)
H
H
High margin (FB connected to MUP)
L
H
Low margin (FB connected to MDN)
OUTPUT VOLTAGE TRACKING
The ADP1822 features an internal comparator that forces the
output voltage to track an external voltage at startup, which
prevents the output voltage from exceeding the tracking voltage.
The comparator turns off the high-side switch if the positive
tracking (TRKP) input voltage exceeds the negative tracking
(TRKN) input voltage. Connect TRKP to the output voltage and
drive TRKN with the voltage to be tracked. If the voltage at
TRKN is below the regulation voltage, the output voltage is
limited to the voltage at TRKN. If the voltage at TRKN is above
the regulation voltage, the output voltage regulates the desired
voltage set by the voltage divider. For more information, see the
Setting the Output Voltage Tracking section.
SOFT START
When powering up or resuming operation after shutdown,
overload, or short-circuit conditions, the ADP1822 employs an
adjustable soft start feature that reduces input current transients
and prevents output voltage overshoot at start-up and overload
conditions. The soft start period is set by the value of the soft
start capacitor, CSS, between SS and GND.
When starting the ADP1822, CSS is initially discharged. It is
enabled by either driving SHDN high or by bringing VCC
above the undervoltage lockout threshold, and CSS begins
charging to 0.8 V through an internal 100 kΩ resistor. As CSS
charges, the regulation voltage at FB is limited to the lesser of
either the voltage at SS or the internal 0.6 V reference voltage.
As the voltage at SS rises, the output voltage rises proportionally
until the voltage at SS exceeds 0.6 V. At this time, the output
voltage is regulated to the desired voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com