Electronic Components Datasheet Search
  English  ▼

X  

DP83848M Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83848M
Description  PHYTER짰 Mini / PHYTER짰 Mini LS Commercial Temperature Single Port 10/100 Ethernet Tran
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83848M Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button DP83848M Datasheet HTML 24Page - National Semiconductor (TI) DP83848M Datasheet HTML 25Page - National Semiconductor (TI) DP83848M Datasheet HTML 26Page - National Semiconductor (TI) DP83848M Datasheet HTML 27Page - National Semiconductor (TI) DP83848M Datasheet HTML 28Page - National Semiconductor (TI) DP83848M Datasheet HTML 29Page - National Semiconductor (TI) DP83848M Datasheet HTML 30Page - National Semiconductor (TI) DP83848M Datasheet HTML 31Page - National Semiconductor (TI) DP83848M Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 72 page
background image
www.national.com
28
4.2.7 Descrambler
A serial descrambler is used to de-scramble the received
NRZ data. The descrambler has to generate an identical
data scrambling sequence (N) in order to recover the orig-
inal unscrambled data (UD) from the scrambled data (SD)
as represented in the equations:
Synchronization of the descrambler to the original scram-
bling sequence (N) is achieved based on the knowledge
that the incoming scrambled data stream consists of
scrambled IDLE data. After the descrambler has recog-
nized 12 consecutive IDLE code-groups, where an
unscrambled IDLE code-group in 5B NRZ is equal to five
consecutive ones (11111), it will synchronize to the receive
data stream and generate unscrambled data in the form of
unaligned 5B code-groups.
In order to maintain synchronization, the descrambler
must continuously monitor the validity of the unscrambled
data that it generates. To ensure this, a line state monitor
and a hold timer are used to constantly monitor the syn-
chronization status. Upon synchronization of the descram-
bler the hold timer starts a 722
µs countdown. Upon
detection of sufficient IDLE code-groups (58 bit times)
within the 722
µs period, the hold timer will reset and
begin a new countdown. This monitoring operation will
continue indefinitely given a properly operating network
connection with good signal integrity. If the line state mon-
itor does not recognize sufficient unscrambled IDLE code-
groups within the 722
µs period, the entire descrambler
will be forced out of the current state of synchronization
and reset in order to re-acquire synchronization.
4.2.8 Code-group Alignment
The code-group alignment module operates on unaligned
5-bit data from the descrambler (or, if the descrambler is
bypassed, directly from the NRZI/NRZ decoder) and con-
verts it into 5B code-group data (5 bits). Code-group align-
ment occurs after the J/K code-group pair is detected.
Once the J/K code-group pair (11000 10001) is detected,
subsequent data is aligned on a fixed boundary.
4.2.9 4B/5B Decoder
The code-group decoder functions as a look up table that
translates incoming 5B code-groups into 4B nibbles. The
code-group decoder first detects the J/K code-group pair
preceded by IDLE code-groups and replaces the J/K with
MAC preamble. Specifically, the J/K 10-bit code-group
pair is replaced by the nibble pair (0101 0101). All subse-
quent 5B code-groups are converted to the corresponding
4B nibbles for the duration of the entire packet. This con-
version ceases upon the detection of the T/R code-group
pair denoting the End of Stream Delimiter (ESD) or with
the reception of a minimum of two IDLE code-groups.
4.2.10 100BASE-TX Link Integrity Monitor
The 100 Base TX Link monitor ensures that a valid and
stable link is established before enabling both the Trans-
mit and Receive PCS layer.
Signal detect must be valid for 395us to allow the link
monitor to enter the 'Link Up' state, and enable the trans-
mit and receive functions.
4.2.11 Bad SSD Detection
A Bad Start of Stream Delimiter (Bad SSD) is any transi-
tion from consecutive idle code-groups to non-idle code-
groups which is not prefixed by the code-group pair /J/K.
If this condition is detected, the DP83848M/J will assert
RX_ER and present RXD[3:0] = 1110 to the MII for the
cycles that correspond to received 5B code-groups until at
least two IDLE code groups are detected. In addition, the
False Carrier Sense Counter register (FCSCR) will be
incremented by one.
Once at least two IDLE code groups are detected, RX_ER
and CRS become de-asserted.
4.3 10BASE-T TRANSCEIVER MODULE
The 10BASE-T Transceiver Module is IEEE 802.3 compli-
ant. It includes the receiver, transmitter, collision, heart-
beat, loopback, jabber, and link integrity functions, as
defined in the standard. An external filter is not required
on the 10BASE-T interface since this is integrated inside
the DP83848M/J. This section focuses on the general
10BASE-T system level operation.
4.3.1 Operational Modes
The DP83848M/J has two basic 10BASE-T operational
modes:
— Half Duplex mode
— Full Duplex mode
Half Duplex Mode
In Half Duplex mode the DP83848M/J functions as a stan-
dard IEEE 802.3 10BASE-T transceiver supporting the
CSMA/CD protocol.
Full Duplex Mode
In Full Duplex mode the DP83848M/J is capable of simul-
taneously transmitting and receiving without asserting the
collision signal. The DP83848M/J's 10 Mb/s ENDEC is
designed to encode and decode simultaneously.
UD
SD
N
⊕
()
=
SD
UD
N
⊕
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com