Electronic Components Datasheet Search
  English  ▼

X  

DP83848M Datasheet(PDF) 68 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83848M
Description  PHYTER짰 Mini / PHYTER짰 Mini LS Commercial Temperature Single Port 10/100 Ethernet Tran
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83848M Datasheet(HTML) 68 Page - National Semiconductor (TI)

Back Button DP83848M Datasheet HTML 64Page - National Semiconductor (TI) DP83848M Datasheet HTML 65Page - National Semiconductor (TI) DP83848M Datasheet HTML 66Page - National Semiconductor (TI) DP83848M Datasheet HTML 67Page - National Semiconductor (TI) DP83848M Datasheet HTML 68Page - National Semiconductor (TI) DP83848M Datasheet HTML 69Page - National Semiconductor (TI) DP83848M Datasheet HTML 70Page - National Semiconductor (TI) DP83848M Datasheet HTML 71Page - National Semiconductor (TI) DP83848M Datasheet HTML 72Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 68 / 72 page
background image
www.national.com
68
8.2.19 10BASE-T Normal Link Pulse Timing
Note: These specifications represent transmit timings.
8.2.20 Auto-Negotiation Fast Link Pulse (FLP) Timing
Note: These specifications represent transmit timings.
Parameter
Description
Notes
Min
Typ
Max
Units
T2.19.1
Pulse Width
100
ns
T2.19.2
Pulse Period
16
ms
T2.19.2
T2.19.1
Normal Link Pulse(s)
clock
pulse
data
pulse
clock
pulse
FLP Burst
FLP Burst
Fast Link Pulse(s)
T2.20.1
T2.20.1
T2.20.2
T2.20.3
T2.20.4
T2.20.5
Parameter
Description
Notes
Min
Typ
Max
Units
T2.20.1
Clock, Data Pulse Width
100
ns
T2.20.2
Clock Pulse to Clock Pulse
Period
125
µs
T2.20.3
Clock Pulse to Data Pulse
Period
Data = 1
62
µs
T2.20.4
Burst Width
2ms
T2.20.5
FLP Burst to FLP Burst Period
16
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com