Electronic Components Datasheet Search
  English  ▼

X  

DP83848M Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83848M
Description  PHYTER짰 Mini / PHYTER짰 Mini LS Commercial Temperature Single Port 10/100 Ethernet Tran
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83848M Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button DP83848M Datasheet HTML 7Page - National Semiconductor (TI) DP83848M Datasheet HTML 8Page - National Semiconductor (TI) DP83848M Datasheet HTML 9Page - National Semiconductor (TI) DP83848M Datasheet HTML 10Page - National Semiconductor (TI) DP83848M Datasheet HTML 11Page - National Semiconductor (TI) DP83848M Datasheet HTML 12Page - National Semiconductor (TI) DP83848M Datasheet HTML 13Page - National Semiconductor (TI) DP83848M Datasheet HTML 14Page - National Semiconductor (TI) DP83848M Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
11
www.national.com
1.3 CLOCK INTERFACE
1.4 LED INTERFACE
See Table 4 for LED Mode Selection.
1.5 RESET
COL
S, O, PU
35
MII COLLISION DETECT: Asserted high to indicate detection of
a collision condition (simultaneous transmit and receive activity)
in 10 Mb/s and 100 Mb/s Half Duplex Modes.
While in 10BASE-T Half Duplex mode with heartbeat enabled this
pin is also asserted for a duration of approximately 1
µs at the end
of transmission to indicate heartbeat (SQE test).
In Full Duplex Mode, for 10 Mb/s or 100 Mb/s operation, this sig-
nal is always logic 0. There is no heartbeat function during 10
Mb/s full duplex operation.
Signal Name
Type
Pin #
Description
X1
I
28
CRYSTAL/OSCILLATOR INPUT: This pin is the primary clock
reference input for the DP83848M/J and must be connected to a
25 MHz 0.005% (+50 ppm) clock source. The DP83848M/J sup-
ports either an external crystal resonator connected across pins
X1 and X2, or an external CMOS-level oscillator source connect-
ed to pin X1 only.
X2
O
27
CRYSTAL OUTPUT: This pin is the primary clock reference out-
put to connect to an external 25 MHz crystal resonator device.
This pin must be left unconnected if an external CMOS oscillator
clock source is used.
25MHz_OUT
O
21
25 MHz CLOCK OUTPUT:
This pin provides a 25 MHz clock output to the system.
This allows other devices to use the reference clock from the
DP83848M without requiring additional clock sources.
Note: This pin is not available in DP83848J.
Signal Name
Type
Pin #
Description
Signal Name
Type
Pin #
Description
LED_LINK
S, O, PU
22
LINK LED: In Mode 1, this pin indicates the status of the LINK.
The LED will be ON when Link is good.
LINK/ACT LED: In Mode 2, this pin indicates transmit and receive
activity in addition to the status of the Link. The LED will be ON
when Link is good. It will blink when the transmitter or receiver is
active.
LED_SPEED
S, O, PU
21
SPEED LED: This LED is ON when DP83848J is in 100Mb/s and
OFF when DP83848J is in 10Mb/s. Functionality of this LED is in-
dependent of the mode selected.
Note: This pin is not available in DP83848M.
Signal Name
Type
Pin #
Description
RESET_N
I, PU
23
RESET: Active Low input that initializes or re-initializes the
DP83848M/J. Asserting this pin low for at least 1
µs will force a
reset process to occur. All internal registers will re-initialize to their
default states as specified for each bit in the Register Block sec-
tion. All strap options are re-initialized as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com