Electronic Components Datasheet Search
  English  ▼

X  

DP83848M Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83848M
Description  PHYTER짰 Mini / PHYTER짰 Mini LS Commercial Temperature Single Port 10/100 Ethernet Tran
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83848M Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP83848M Datasheet HTML 1Page - National Semiconductor (TI) DP83848M Datasheet HTML 2Page - National Semiconductor (TI) DP83848M Datasheet HTML 3Page - National Semiconductor (TI) DP83848M Datasheet HTML 4Page - National Semiconductor (TI) DP83848M Datasheet HTML 5Page - National Semiconductor (TI) DP83848M Datasheet HTML 6Page - National Semiconductor (TI) DP83848M Datasheet HTML 7Page - National Semiconductor (TI) DP83848M Datasheet HTML 8Page - National Semiconductor (TI) DP83848M Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
© 2006 National Semiconductor Corporation
www.national.com
DP83848M PHYTER® Mini
DP83848J PHYTER® Mini LS
Commercial Temperature Single Port 10/100 Ethernet Transceiver
October 2006
System Diagram
PHYTER® and TRI-STATE® is a registered trademark of National Semiconductor Corporation.
Status
10BASE-T
or
100BASE-TX
MII
Typical Ethernet Application
Clock
LED/s
PHYTER Mini
PHYTER Mini LS
10/100 Ethernet
Transceiver
MPU/CPU
Source
Features
•
Low-power 3.3V, 0.18
µm CMOS technology
•
3.3V MAC Interface
•
Auto-MDIX for 10/100 Mb/s
•
Energy Detection Mode
•
MII Interface
•
MII serial management interface (MDC and MDIO)
•
IEEE 802.3u Auto-Negotiation and Parallel Detection
•
IEEE 802.3u ENDEC, 10BASE-T transceivers and filters
•
IEEE 802.3u PCS, 100BASE-TX transceivers and filters
•
Integrated ANSI X3.263 compliant TP-PMD physical su-
blayer with adaptive equalization and Baseline Wander
compensation
•
Error-free Operation beyond 137 meters
•
ESD protection - greater than 4KV Human body model
•
LED support for Link in DP83848M
•
LED support for Link and Speed in DP83848J
•
Supports system clock from oscillator (Not available in
DP83848J)
•
Single register access for complete PHY status
•
10/100 Mb/s packet BIST (Built in Self Test)
•
40 pin LLP package (6mm) x (6mm) x (0.8mm)
General Description
The DP83848M/J addresses the quality, reliability and
small form factor required for space sensitive applications
in embedded systems.
The DP83848M/J offers performance far exceeding the
IEEE specifications, with superior interoperability and
industry leading performance beyond 137m of Cat-V
cable. The DP83848M/J also offers Auto-MDIX to remove
cabling complications. DP83848M/J has superior ESD
pro-tection, greater than 4KV Human Body Model, provid-
ing extremely high reliability and robust operation, ensur-
ing a high level performance in all applications.
DP83848J offers two flexible LED indicators - one for Link
and the other for Speed.
A 25MHz clock out that eliminates the need and hence the
space and cost, of an additional Media Access Control
(MAC) clock source component is available only in
DP83848M.
The DP83848M/J is offered in a tiny 6mm x 6mm LLP 40-
pin package and is ideal for industrial controls, build-
ing/factory automation, transportation, test equipment and
wireless base stations.
Applications
•
Peripheral devices
•
Mobile devices
•
Factory and building automation
•
Basestations


Similar Part No. - DP83848M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83848M NSC-DP83848M Datasheet
1,018Kb / 78P
Commercial Temperature Single 10/100 Ethernet Transceiver
DP83848M NSC-DP83848M Datasheet
1Mb / 80P
PHYTER짰 Mini - Commercial Temperature Single 10/100 Ethernet Transceiver
logo
Texas Instruments
DP83848M TI1-DP83848M Datasheet
776Kb / 83P
PHYTER Mini - Commercial Temperature Single 10/100 Ethernet Transceiver
DP83848M TI1-DP83848M Datasheet
2Mb / 84P
MII Serial Management Interface
DP83848MPHPEP TI-DP83848MPHPEP Datasheet
1Mb / 92P
MILITARY TEMPERATURE SINGLE PORT
More results

Similar Description - DP83848M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83848H NSC-DP83848H Datasheet
880Kb / 72P
PHYTER짰 Mini - Extreme Temperature Single 10/100 Ethernet Transceiver
DP83848J NSC-DP83848J Datasheet
872Kb / 72P
PHYTER짰 Mini LS Commercial Temperature Single Port 10/100 Ethernet Transceiver
DP83848H NSC-DP83848H_07 Datasheet
1,022Kb / 78P
DP83848H PHYTER짰 Mini - Extreme Single 10/100 Ethernet
DP83848J NSC-DP83848J_07 Datasheet
1,015Kb / 78P
PHYTER짰 Mini LS Commercial Temperature Single Port 10/100 Ethernet Transceiver
DP83848C NSC-DP83848C_08 Datasheet
2Mb / 84P
PHYTER짰 - Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848H NSC-DP83848H_08 Datasheet
1Mb / 80P
DP83848H PHYTER짰 Mini - Extreme Single 10/100 Ethernet Transceiver
DP83848J NSC-DP83848J_08 Datasheet
1Mb / 78P
PHYTER짰 Mini LS Commercial Temperature Single Port 10/100 Ethernet Transceiver
DP83848K NSC-DP83848K_08 Datasheet
1Mb / 78P
PHYTER짰 Mini LS Industrial Temperature Single Port 10/100 Ethernet Transceiver
DP83848M NSC-DP83848M_08 Datasheet
1Mb / 80P
PHYTER짰 Mini - Commercial Temperature Single 10/100 Ethernet Transceiver
DP83848T NSC-DP83848T_08 Datasheet
1Mb / 81P
PHYTER짰 Mini - Industrial Temperature Single 10/100 Ethernet Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com