Electronic Components Datasheet Search
  English  ▼

X  

LM95241 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM95241
Description  Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM95241 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM95241 Datasheet HTML 11Page - National Semiconductor (TI) LM95241 Datasheet HTML 12Page - National Semiconductor (TI) LM95241 Datasheet HTML 13Page - National Semiconductor (TI) LM95241 Datasheet HTML 14Page - National Semiconductor (TI) LM95241 Datasheet HTML 15Page - National Semiconductor (TI) LM95241 Datasheet HTML 16Page - National Semiconductor (TI) LM95241 Datasheet HTML 17Page - National Semiconductor (TI) LM95241 Datasheet HTML 18Page - National Semiconductor (TI) LM95241 Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
3.0 Applications Hints (Continued)
TruTherm should only be enabled when measuring the tem-
perature of a transistor integrated as shown in the processor
of Figure 3, because Equation (5) only applies to this topol-
ogy.
3.1.2 Calculating Total System Accuracy
The voltage seen by the LM95241 also includes the I
FRS
voltage drop of the series resistance. The non-ideality factor,
η, is the only other parameter not accounted for and de-
pends on the diode that is used for measurement. Since
∆V
BE is proportional to both
η and T, the variations in η
cannot be distinguished from variations in temperature.
Since the non-ideality factor is not controlled by the tempera-
ture sensor, it will directly add to the inaccuracy of the
sensor. For the Pentium D processor on 65nm process, Intel
specifies a +4.06%/−0.89% variation in
η from part to part
when the processor diode is measured by a circuit that
assumes diode equation, Equation (4), as true. As an ex-
ample, assume a temperature sensor has an accuracy
specification of ±1.25˚C at a temperature of 65 ˚C (338
Kelvin) and the processor diode has a non-ideality variation
of +4.06%/−0.89%. The resulting system accuracy of the
processor temperature being sensed will be:
T
ACC = + 1.25˚C + (+4.06% of 338 K) = +14.97 ˚C
and
T
ACC = - 1.25˚C + (−0.89% of 338 K) = −4.26 ˚C
TrueTherm technology uses the transistor equation, Equa-
tion (5), resulting in a non-ideality spread that truly reflects
the process variation which is very small. The transistor
equation non-ideality spread is ±0.4% for the Pentium D
processor on 65nm process. The resulting accuracy when
using TruTherm technology improves to:
T
ACC = ±1.25˚C + (±0.4% of 338 K) = ± 2.60 ˚C
The next error term to be discussed is that due to the series
resistance of the thermal diode and printed circuit board
traces. The thermal diode series resistance is specified on
most processor data sheets. For the Pentium D processor
on 65 nm process, this is specified at 4.52
Ω typical. The
LM95241 accommodates the typical series resistance of the
Pentium D processor on 65nm process. The error that is not
accounted for is the spread of the Pentium’s series resis-
tance, that is 2.79
Ω to 6.24Ω or ±1.73Ω. The equation to
calculate the temperature error due to series resistance
(T
ER) for the LM95241 is simply:
(6)
Solving Equation (6) for R
PCB equal to ±1.73
Ω results in the
additional error due to the spread in the series resistance of
±1.07˚C. The spread in error cannot be canceled out, as it
would require measuring each individual thermal diode de-
vice. This is quite difficult and impractical in a large volume
production environment.
Equation (6) can also be used to calculate the additional
error caused by series resistance on the printed circuit
board. Since the variation of the PCB series resistance is
minimal, the bulk of the error term is always positive and can
simply be cancelled out by subtracting it from the output
readings of the LM95241.
Processor Family
Transistor Equation
n
D, non-ideality
Series
R
min
typ
max
Intel processor on
65nm process
0.997
1.001
1.005
4.52
Ω
Processor Family
Diode Equation
η
D,
non-ideality
Series
R
min
typ
max
Pentium III CPUID 67h
1
1.0065 1.0125
Pentium III CPUID
68h/PGA370Socket/
Celeron
1.0057
1.008
1.0125
Pentium 4, 423 pin
0.9933 1.0045 1.0368
Pentium 4, 478 pin
0.9933 1.0045 1.0368
Pentium 4 on 0.13
micron process,
2-3.06GHz
1.0011 1.0021 1.0030 3.64
Ω
Pentium 4 on 90 nm
process
1.0083
1.011
1.023
3.33
Ω
Pentium on 65 nm
porcess
1.000
1.009
1.050
4.52
Ω
Pentium M Processor
(Centrino)
1.00151 1.00220 1.00289 3.06
Ω
MMBT3904
1.003
AMD Athlon MP model
6
1.002
1.008
1.016
AMD Athlon 64
1.008
1.008
1.096
AMD Opteron
1.008
1.008
1.096
20199743
FIGURE 3. Thermal Diode Current Paths
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com