Electronic Components Datasheet Search
  English  ▼

X  

LM95241 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM95241
Description  Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM95241 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM95241 Datasheet HTML 10Page - National Semiconductor (TI) LM95241 Datasheet HTML 11Page - National Semiconductor (TI) LM95241 Datasheet HTML 12Page - National Semiconductor (TI) LM95241 Datasheet HTML 13Page - National Semiconductor (TI) LM95241 Datasheet HTML 14Page - National Semiconductor (TI) LM95241 Datasheet HTML 15Page - National Semiconductor (TI) LM95241 Datasheet HTML 16Page - National Semiconductor (TI) LM95241 Datasheet HTML 17Page - National Semiconductor (TI) LM95241 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
2.0 LM95241 Registers (Continued)
2.3 REMOTE DIODE FILTER CONTROL REGISTER
(Read/write Address 06h):
D7
D6
D5
D4
D3
D2
D1
D0
0
0000
R2FE
0
R1FE
Bits
Name
Description
7-3
Reserved
Reports "0" when read.
2
Remote 2 Filter Enable (R2FE)
0: Filter Off
1: Noise Filter On
1
Reserved
Reports "0" when read.
0
Remote 1Filter Enable (R1FE)
0: Filter Off
1: Noise Filter On
Power up default is 05h.
2.4 REMOTE DIODE MODEL TYPE SELECT REGISTER
(Read/Write Address 30h):
D7
D6
D5
D4
D3
D2
D1
D0
0
0000
R2MS
0
R1MS
Bits
Name
Description
7-3
Reserved
Reports "0" when read.
2
Remote Diode 2 Model Select
(R2MS)
0: 2N3904 model (make sure TruTherm mode is disabled)
1: Intel processor on 65nm or 90nm process model (make sure
TruTherm mode is enabled)
Power up default is 0.
1
Reserved
Reports "0" when read.
0
Remote Diode 1 Model Select
(R1MS)
0: 2N3904 model (make sure TruTherm mode is disabled)
1: Intel processor on 65nm or 90nm process model (make sure
TruTherm mode is enabled)
Power up default is 1.
Power up default is 01h.
2.5 REMOTE DIODE TruTherm MODE CONTROL
(Read/Write Address 07h):
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
R2M2
R2M1
R2M0
Reserved
R1M2
R1M1
R1M0
Bits
Description
7
Reserved
Must be left at 0.
6-4
R2M2:R2M0
000: Remote 2 TruTherm Mode disabled; used when measuring
MMBT3904 transistors
001: Remote 2 TruTherm Mode enabled; used when measuring
Processors
111: Remote 2 TruTherm Mode enabled; used when measuring
Processors
Note, all other codes provide unspecified results and should not be
used.
3
Reserved
Must be left at 0.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com