Electronic Components Datasheet Search
  English  ▼

X  

LM95241 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM95241
Description  Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM95241 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM95241 Datasheet HTML 4Page - National Semiconductor (TI) LM95241 Datasheet HTML 5Page - National Semiconductor (TI) LM95241 Datasheet HTML 6Page - National Semiconductor (TI) LM95241 Datasheet HTML 7Page - National Semiconductor (TI) LM95241 Datasheet HTML 8Page - National Semiconductor (TI) LM95241 Datasheet HTML 9Page - National Semiconductor (TI) LM95241 Datasheet HTML 10Page - National Semiconductor (TI) LM95241 Datasheet HTML 11Page - National Semiconductor (TI) LM95241 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
1.0 Functional Description (Continued)
the remote diodes to sense temperatures above 127˚C.
Local temperature resolution is not programmable and is
always 9-bits plus sign and has a 0.25˚C LSb.
The LM95241 remote diode temperature accuracy is
trimmed for the typical thermal diode of a Intel processor on
65nm or 90nm process or a typical 2N3904 transistor and
the accuracy is guaranteed only when using either of these
diodes when selected appropriately. TruTherm mode should
be enabled when measuring a Intel processor on 65nm or
90nm process and disabled when measuring a 3904 transis-
tor.
Diode fault detection circuitry in the LM95241 can detect the
presence of a remote diode.
The LM95241 register set has an 8-bit data structure and
includes:
1.
Most-Significant-Byte (MSB) Local Temperature Regis-
ter
2.
Least-Significant-Byte (LSB) Local Temperature Regis-
ter
3.
MSB Remote Temperature 1 Register
4.
LSB Remote Temperature 1 Register
5.
MSB Remote Temperature 2 Register
6.
LSB Remote Temperature 2 Register
7.
Status Register: busy, diode fault
8.
Configuration Register: resolution control, conversion
rate control, standby control
9.
Remote Diode Filter Setting
10. Remote Diode Model Select
11. Remote Diode TruTherm Mode Control
12. 1-shot Register
13. Manufacturer ID
14. Revision ID
1.1 CONVERSION SEQUENCE
In the power up default state the LM95241 typically takes
77.8 ms to convert the Local Temperature, Remote Tem-
perature 1 and 2, and to update all of its registers. Only
during the conversion process is the busy bit (D7) in the
Status register (02h) high. These conversions are addressed
in a round robin sequence. The conversion rate may be
modified by the Conversion Rate bits found in the Configu-
ration Register (03h). When the conversion rate is modified a
delay is inserted between conversions, the actual maximum
conversion time remains at 88.9 ms. Different conversion
rates will cause the LM95241 to draw different amounts of
supply current as shown in Figure 1.
1.2 POWER-ON-DEFAULT STATES
LM95241 always powers up to these known default states.
The LM95241 remains in these states until after the first
conversion.
1.
Command Register set to 00h
2.
Local Temperature set to 0˚C until the end of the first
conversion
3.
Remote Diode Temperature set to 0˚C until the end of
the first conversion
4.
Remote Diode digital filters are on.
5.
Remote Diode 1 model is set to Intel processor on 65nm
or 90nm process with TruTherm Mode enabled. Remote
Diode 2 model is set to 2N3904/MMBT3904 with TruTh-
erm mode disabled.
6.
Status Register depends on state of thermal diode in-
puts
7.
Configuration register set to 00h; continuous conversion
1.3 SMBus INTERFACE
The LM95241 operates as a slave on the SMBus, so the
SMBCLK line is an input and the SMBDAT line is bidirec-
tional. The LM95241 never drives the SMBCLK line and it
does not support clock stretching. According to SMBus
specifications, the LM95241 has a 7-bit slave address. All
bits A6 through A0 are internally programmed and cannot be
changed by software or hardware. The SMBus slave ad-
dress is dependent on the LM95241 part number ordered:
Version
A6 A5 A4 A3 A2 A1 A0
LM95241CIMM
010101
1
LM95241CIMM-1
001100
1
LM95241CIMM-2
010101
0
1.4 TEMPERATURE DATA FORMAT
Temperature data can only be read from the Local and
Remote Temperature registers .
Remote temperature data with the digital filter off is repre-
sented by an 11-bit, two’s complement word or unsigned
binary word with an LSb (Least Significant Bit) equal to
20199706
FIGURE 1. Conversion Rate Effect on Power Supply
Current
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com