Electronic Components Datasheet Search
  English  ▼

X  

LM95241 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM95241
Description  Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM95241 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM95241 Datasheet HTML 1Page - National Semiconductor (TI) LM95241 Datasheet HTML 2Page - National Semiconductor (TI) LM95241 Datasheet HTML 3Page - National Semiconductor (TI) LM95241 Datasheet HTML 4Page - National Semiconductor (TI) LM95241 Datasheet HTML 5Page - National Semiconductor (TI) LM95241 Datasheet HTML 6Page - National Semiconductor (TI) LM95241 Datasheet HTML 7Page - National Semiconductor (TI) LM95241 Datasheet HTML 8Page - National Semiconductor (TI) LM95241 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Absolute Maximum Ratings (Note 1)
Supply Voltage
−0.3 V to 6.0 V
Voltage at SMBDAT, SMBCLK
−0.5V to 6.0V
Voltage at Other Pins
−0.3 V to (V
DD + 0.3 V)
Input Current at All Pins (Note 2)
±5mA
Package Input Current (Note 2)
30 mA
SMBDAT Output Sink Current
10 mA
Junction Temperature (Note 3)
+125˚C
Storage Temperature
−65˚C to +150˚C
ESD Susceptibility (Note 4)
Human Body Model
2000 V
Machine Model
200 V
Charged Device Model Model
1000 V
Soldering process must comply with National’s reflow
temperature profile specifications. Refer to
http://www.national.com/packaging/. (Note 5)
Operating Ratings
(Notes 1, 3)
Operating Temperature Range
0˚C to +125˚C
Electrical Characteristics
Temperature Range
T
MIN
≤T
A
≤T
MAX
LM95241CIMM
0˚C
≤T
A
≤+85˚C
Supply Voltage Range (V
DD)
+3.0V to +3.6V
Temperature-to-Digital Converter Characteristics
Unless otherwise noted, these specifications apply for V
DD=+3.0Vdc to 3.6Vdc. Boldface limits apply for TA =TJ =
T
MIN
≤T
A
≤T
MAX; all other limits TA=TJ=+25˚C, unless otherwise noted. TJ is the junction temperature of the LM95241. TD is the
junction temperature of the remote thermal diode.
Parameter
Conditions
Typical
Limits
Units
(Note 6)
(Note 7)
(Limit)
Accuracy Using Local Diode
T
A = 0˚C to +85˚C, (Note 8)
±1
±3
˚C (max)
Accuracy Using Remote Diode, see (Note 9) for
Thermal Diode Processor Type.
T
A = +20˚C to
+40˚C
T
D = +45˚C
to +85˚C
±1.25
˚C (max)
T
A = +0˚C to
+85˚C
T
D = +25˚C
to +140˚C
±2.5
˚C (max)
Remote Diode Measurement Resolution with
filtering turned off
10+sign/11
Bits
0.125
˚C
Remote Diode Measurement Resolution with digital
filtering turned on
12+sign/13
Bits
0.03125
˚C
Local Diode Measurement Resolution
9+sign
Bits
0.25
˚C
Conversion Time of All Temperatures at the
Fastest Setting (Note 11)
TruTherm Mode Disabled for All
Remote Channels
76.5
86.1
ms (max)
TruTherm Mode Enabled for All
Remote Channels
79.1
88.9
ms (max)
Average Quiescent Current (Note 10)
SMBus Inactive, 1 Hz conversion
rate
471
640
µA (max)
Shutdown
356
µA
D− Source Voltage
0.4
V
Diode Source Current Ratio
16
Diode Source Current
(V
D+ −VD−)=+ 0.65V; high-level
172
230
µA (max)
100
µA (min)
Low-level
11
µA
Power-On Reset Threshold
Measure on V
DD input, falling
edge
2.7
1.6
V (max)
V (min)
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com