Electronic Components Datasheet Search
  English  ▼

X  

AD5360 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5360
Description  16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5360 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5360 Datasheet HTML 3Page - Analog Devices AD5360 Datasheet HTML 4Page - Analog Devices AD5360 Datasheet HTML 5Page - Analog Devices AD5360 Datasheet HTML 6Page - Analog Devices AD5360 Datasheet HTML 7Page - Analog Devices AD5360 Datasheet HTML 8Page - Analog Devices AD5360 Datasheet HTML 9Page - Analog Devices AD5360 Datasheet HTML 10Page - Analog Devices AD5360 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Preliminary Technical Data
AD5360/AD5361
Rev. P
rF | Page 7 of 25
SCLK
SYNC
SDI
BUSY
VOUT1
VOUT2
VOUT
RESET
VOUT
CLR
1
2
24
t8
t12
t10
t13
t17
t14
t15
t13
t17
t9
t7
t5
t4
t2
t6
DB23
DB0
t16
1LDAC ACTIVE DURING BUSY.
2LDAC ACTIVE AFTER BUSY.
BUSY
LDAC1
LDAC2
1
t3
t20
t18
t18
t19
24
t11
t1
Figure 4
. SPI Write Timing
5371-0005D
SCLK
SYNC
SDI
SDO
24
48
DB23
DB0
DB23
DB23
DB0
DB0
INPUT WORD SPECIFIES
REGISTER TO BE READ
NOP CONDITION
SELECTED REGISTER DATA
CLOCKED OUT
t21
t22
DB0
LSB FROM PREVIOUS WRITE
Figure 5
. SPI Read Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com