Electronic Components Datasheet Search
  English  ▼

X  

AD5360 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5360
Description  16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5360 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5360 Datasheet HTML 15Page - Analog Devices AD5360 Datasheet HTML 16Page - Analog Devices AD5360 Datasheet HTML 17Page - Analog Devices AD5360 Datasheet HTML 18Page - Analog Devices AD5360 Datasheet HTML 19Page - Analog Devices AD5360 Datasheet HTML 20Page - Analog Devices AD5360 Datasheet HTML 21Page - Analog Devices AD5360 Datasheet HTML 22Page - Analog Devices AD5360 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Preliminary Technical Data
AD5360/AD5361
Rev. P
rF | Page 19 of 25
Table 9. AD5360 Serial Word Bit Assignation
I23
I22
I21
I20
I19
I18
I17
I16
I15
I14
I13
I12
I11
I10
I9
I8
I7
I6
I5
I4
I3
I2
I1
I0
M1
M0
A5
A4
A3
A2
A1
A0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Table 10. AD5361 Serial Word Bit Assignation
I23
I22
I21
I20
I19
I18
I17
I16
I15
I14
I13
I12
I11
I10
I9
I8
I7
I6
I5
I4
I3
I2
I1*
I0*
M1
M0
A5
A4
A3
A2
A1
A0
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
M1 and M0 are mode bits.
A5 is an unused address bit and must always be written as 0.
A4 to A0 are address bits.
D15 to D0 are data bits.
*In the AD5361, bits I1 and I0 only used in Special Function Mode
SPI READBACK MODE
The AD5360/AD5361 allows data readback via the serial
interface from every register directly accessible to the serial
interface, which is all registers except the X2A, X2B and DAC
registers. In order to read back a register, it is first necessary to
tell the AD5360/AD5361 which register is to be read. This is
achieved by writing to the device a word whose first two bits are
the special function code 00. The remaining bits then
determine if the operation is a readback, and the register which
is to be read back, or if it is a write to of the special function
registers such as the control register.
After the special function write has been performed, if it is a
readback command then data from the selected register will be
clocked out of the SDO pin during the next SPI operation. The
SDO pin is normally three-state but becomes driven as soon as
a read command has been issued. The pin will remain driven
until the registers data has been clocked out. See Figure 5 for
the read timing diagram. Note that due to the timing
requirements of t5 (25ns) the maximum speed of the SPI
interface during a read operation should not exceed 20MHz.
CHANNEL ADDRESSING AND SPECIAL MODES
If the mode bits are not 00, then the data word D15 to D0 is
written to the device. Address bits A4 to A0 determine which
channel or channels is/are written to, while the mode bits
determine to which register (X1A, X1B, C or M) the data is
written, as shown in Table 9 or Table 10. If data is to be written
to the X1A or X1B register, the setting of the A/B bit in the
Control Register determines which register is used (0
X1A, 1
X1B).
Table 11. Mode Bits
M1
M0
Action
1
1
Write DAC input data (X1A or X1B) register,
depending on Control Register A/B bit.
1
0
Write DAC offset (C) register
0
1
Write DAC gain (M) register
0
0
Special function, used in combination with other
bits of word
The AD5360/AD5361 has very flexible addressing that allows
writing of data to a single channel, all channels in a group, the
same channel in groups 0 and 1, or all channels in the device.
Table 12 shows all these address modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com