Electronic Components Datasheet Search
  English  ▼

X  

AD5360 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5360
Description  16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5360 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5360 Datasheet HTML 10Page - Analog Devices AD5360 Datasheet HTML 11Page - Analog Devices AD5360 Datasheet HTML 12Page - Analog Devices AD5360 Datasheet HTML 13Page - Analog Devices AD5360 Datasheet HTML 14Page - Analog Devices AD5360 Datasheet HTML 15Page - Analog Devices AD5360 Datasheet HTML 16Page - Analog Devices AD5360 Datasheet HTML 17Page - Analog Devices AD5360 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
AD5360/AD5361
Preliminary Technical Data
Rev. P
rF | Page 14 of 25
OUTPUT AMPLIFIER
As the output amplifiers can swing to 1.4 V below the positive
supply and 1.4 V above the negative supply, this limits how
much the output can be offset for a given reference voltage. For
example, it is not possible to have a unipolar output range of
20V, since the maximum supply voltage is ±16.5 V.
DAC
CHANNEL
OFFSET
DAC
CLR
CLR
CLR
SIGGND
SIGGND
OUTPUT
S1
S2
S3
R4
R1
R3
R5
R6
R2
CHECK VALUE OF R1 &R5
R1,R2,R3 = 20k
Ω
R4,R5 = 60k
Ω
R6 = 10k
Ω
2049-0008
10k
Ω
Figure 10. Output Amplifier and Offset DAC
Figure 10 shows details of a DAC output amplifier and its
connections to the Offset DAC. On power up, S1 is open,
disconnecting the amplifier from the output. S3 is closed, so the
output is pulled to SIGGND. S2 is also closed to prevent the
output amplifier being open-loop. If CLR is low at power-up,
the output will remain in this condition until CLR is taken high.
The DAC registers can be programmed, and the outputs will
assume the programmed values when CLR is taken high. Even
if CLR is high at power-up, the output will remain in the above
condition until VDD > 6 V and VSS < -4 V and the initialization
sequence has finished. The outputs will then go to their power-
on default value.
TRANSFER FUNCTION
From the foregoing, it can be seen that the output voltage of a
DAC in the AD5360/AD5361 depends on the value in the input
register, the value of the M and C registers, and the offset from
the Offset DAC.
The transfer function is given by:
AD5360
Code applied to DAC from X1A or X1B register:-
DAC_CODE = INPUT_CODE × (m+1)/216 + c - 215
DAC output voltage:-
VOUT = 4 × VREF × (DAC_CODE – OFFSET_CODE × 4 )/216
+VSIGGND
Notes
DAC_CODE should be within the range of 0 to 65535
For 12 V span VREF = 3.0 V.
For 20 V span VREF = 5.0 V.
X1A, X1B default code = 32768
m = code in gain register; default m code = 216 – 1.
c = code in offset register; default m code = 215.
OFFSET_CODE is the 14-bit code written to the offset DAC
register. As this DAC is a 14 bit device, the code is multiplied
by 4 to make the transfer function correct, since the X, M and C
registers are 16-bit. The default value for the Offset DAC is
8192 (0x2000)
AD5361
Code applied to DAC from X1A or X1B register:-
DAC_CODE = INPUT_CODE × (m+1)/214 + c - 213
DAC output voltage:-
VOUT = 4 × VREF × (DAC_CODE – OFFSET_CODE )/214 +VSIGGND
Notes
DAC_CODE should be within the range of 0 to 16383
For 12 V span VREF = 3.0 V.
For 20 V span VREF = 5.0 V.
X1A, X1B default code = 8192
m = code in gain register; default m code = 214 – 1.
c = code in offset register; default m code = 213.
OFFSET_CODE is the code loaded to the offset DAC. The
default value for the Offset DAC is 8192 (0x2000)
REFERENCE SELECTION
The AD5360/AD5361 has two reference input pins. The voltage
applied to the reference pins determines the output voltage span
on VOUT0 to VOUT15. VREF0 determines the voltage span for
VOUT0 to VOUT7 and VREF1 determines the voltage span for
VOUT8 to VOUT15. The reference voltage applied to each
VREF pin can be different, if required, allowing each group of 8
channels to have a different voltage span. The output voltage
range can be adjusted further by programming the offset and
gain registers for each channel as well as programming the
offset DAC. If the offset and gain features are not used (i.e. the
m and c registers are left at their default values) the required
reference levels can be calculated as follows:
VREF = (VOUTmax – VOUTmin)/4
If the offset and gain features of the AD5360/AD5361 are used,
then the required output range is slightly different. The chosen
output range should take into account the system offset and
gain errors that need to be trimmed out. Therefore, the chosen
output range should be larger than the actual, required range.
The required reference levels can be calculated as follows:
1.
Identify the nominal output range on VOUT.
2.
Identify the maximum offset span and the maximum
gain required on the full output signal range.
3.
Calculate the new maximum output range on VOUT
including the expected maximum offset and gain
errors.
4.
Choose the new required VOUTmax and VOUTmin,
keeping the VOUT limits centered on the nominal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com