Electronic Components Datasheet Search
  English  ▼

X  

AD5680 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5680
Description  5 V 18-Bit nanoDAC in a SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5680 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5680 Datasheet HTML 7Page - Analog Devices AD5680 Datasheet HTML 8Page - Analog Devices AD5680 Datasheet HTML 9Page - Analog Devices AD5680 Datasheet HTML 10Page - Analog Devices AD5680 Datasheet HTML 11Page - Analog Devices AD5680 Datasheet HTML 12Page - Analog Devices AD5680 Datasheet HTML 13Page - Analog Devices AD5680 Datasheet HTML 14Page - Analog Devices AD5680 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD5680
Rev. 0 | Page 11 of 20
THEORY OF OPERATION
DAC SECTION
The AD5680 DAC is fabricated on a CMOS process. The
architecture consists of a string DAC followed by an output
buffer amplifier. Figure 22 shows a block diagram of the DAC
architecture.
VDD
R
R
VOUT
GND
RESISTOR
STRING
REF (+)
REF (–)
OUTPUT
AMPLIFIER
DAC REGISTER
VFB
Figure 22. DAC Architecture
Because the input coding to the DAC is straight binary, the ideal
output voltage is given by
⎟
⎠
⎞
⎜
⎝
⎛
×
=
262144
D
V
V
REF
OUT
where D is the decimal equivalent of the binary code that is
loaded to the DAC register. It can range from 0 to 262143.
RESISTOR STRING
The resistor string section is shown in Figure 23. It is simply a
string of resistors, each of value R. The code loaded to the DAC
register determines at which node on the string the voltage is
tapped off to be fed into the output amplifier. The voltage is
tapped off by closing one of the switches connecting the string
to the amplifier. Because it is a string of resistors, it is guaranteed
monotonic.
R
R
R
R
R
TO OUTPUT
AMPLIFIER
Figure 23. Resistor String
OUTPUT AMPLIFIER
The output buffer amplifier can generate rail-to-rail voltages on
its output, which gives an output range of 0 V to VDD. This output
buffer amplifier has a gain of 2 derived from a 50 kΩ resistor
divider network in the feedback path. The output amplifier’s
inverting input is available to the user, allowing for remote
sensing. This VFB pin must be connected to VOUT for normal
operation. It can drive a load of 2 kΩ in parallel with 1000 pF to
GND. The source and sink capabilities of the output amplifier can
be seen in Figure 9. The slew rate is 1.5 V/μs with a ¼ to ¾ full-
scale settling time of 10 μs.
INTERPOLATOR ARCHITECTURE
The AD5680 contains a 16-bit DAC with an internal clock
generator and interpolator. The voltage levels generated by the
16-bit, 1 LSB step can be subdivided using the interpolator to
increase the resolution to 18 bits.
The 18-bit input code can be divided into two segments:
16-bit DAC code (DB19 to DB4) and 2-bit interpolator code
(DB3 and DB2). The input to the DAC is switched between a
16-bit code (for example, Code 1023) and a 16-bit code + 1 LSB
(for example, Code 1024). The 2-bit interpolator code deter-
mines the duty cycle of the switching and hence the 18-bit
code level. See Table 5 for an example.
Table 5.
18-Bit Code
16-Bit
DAC Code
2-Bit
Interpolator Code
DB19 to DB2
DB19 to DB4
DB3
DB2
Duty Cycle
4092
1023
0
0
0
4093
1023
0
1
25%
4094
1023
1
0
50%
4095
1023
1
1
75%
4096
1024
0
0
0
The DAC output voltage is given by the average value of
the waveform switching between 16-bit code (C) and 16-bit
code + 1 (C + 1). The output voltage is a function of the duty
cycle of the switching.
C
2
16
16
18
+1
C
C
C
PLANT
DAC
VOUT
FILTER
18-BIT INPUT CODE
MUX
C + 1
CLK
INTERPOLATOR
75% DUTY CYCLE
50% DUTY CYCLE
25% DUTY CYCLE
C + 1
C + 1
C + 1
Figure 24. Interpolation Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com