Electronic Components Datasheet Search
  English  ▼

X  

AD5680 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5680
Description  5 V 18-Bit nanoDAC in a SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5680 Datasheet(HTML) 3 Page - Analog Devices

  AD5680 Datasheet HTML 1Page - Analog Devices AD5680 Datasheet HTML 2Page - Analog Devices AD5680 Datasheet HTML 3Page - Analog Devices AD5680 Datasheet HTML 4Page - Analog Devices AD5680 Datasheet HTML 5Page - Analog Devices AD5680 Datasheet HTML 6Page - Analog Devices AD5680 Datasheet HTML 7Page - Analog Devices AD5680 Datasheet HTML 8Page - Analog Devices AD5680 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD5680
Rev. 0 | Page 3 of 20
SPECIFICATIONS
VDD = 4.5 V to 5.5 V; RL = 2 kΩ to GND; CL = 200 pF to GND; VREF = VDD; all specifications TMIN to TMAX, unless otherwise noted.
Table 1.
B Grade
B Version1
Parameter
Min
Typ
Max
Unit
Conditions/Comments
STATIC PERFORMANCE2
Resolution
18
Bits
Relative Accuracy
±32
±64
LSB
Differential Nonlinearity3
±1
LSB
Measured in 50 Hz system bandwidth
±2
LSB
Measured in 300 Hz system bandwidth
Zero-Code Error
2
10
mV
All 0s loaded to DAC register
Full-Scale Error
−0.2
−1
% FSR
All 1s loaded to DAC register
Offset Error
±10
mV
Gain Error
±1.5
% FSR
Zero-Code Error Drift
±2
μV/°C
Gain Temperature Coefficient
±2.5
ppm
Of FSR/°C
DC Power Supply Rejection Ratio
−100
dB
DAC code = midscale; VDD = 5 V ± 10%
OUTPUT CHARACTERISTICS3
Output Voltage Range
0
VDD
V
Output Voltage Settling Time
80
85
μs
¼ to ¾ scale change settling to ±8 LSB
RL = 2 kΩ; 0 pF < CL < 200 pF
Slew Rate
1.5
V/μs
¼ to ¾ scale
Capacitive Load Stability
2
nF
RL = ∞
10
nF
RL = 2 kΩ
Output Noise Spectral Density4
80
nV/√Hz
DAC code = midscale, 10 kHz
Output Noise (0.1 Hz to 10 Hz)4
25
μV p-p
DAC code = midscale
Total Harmonic Distortion (THD)4
−80
dB
VREF = 2 V ± 300 mV p-p, f = 200 Hz
Digital-to-Analog Glitch Impulse
5
nV-s
1 LSB change around major carry
Digital Feedthrough
0.2
nV-s
DC Output Impedance
0.5
Ω
Short-Circuit Current4
30
mA
VDD = 5 V
REFERENCE INPUT
Reference Current
40
75
μA
VREF = VDD = 5 V
Reference Input Range5
0.75
VDD
V
Reference Input Impedance
125
kΩ
LOGIC INPUTS
Input Current
±2
μA
All digital inputs
VINL, Input Low Voltage
0.8
V
VDD = 5 V
VINH, Input High Voltage
2
V
VDD = 5 V
Pin Capacitance
3
pF
POWER REQUIREMENTS
VDD
4.5
5.5
V
All digital inputs at 0 V or VDD
IDD (Normal Mode)
DAC active and excluding load current
VDD = 4.5 V to 5.5 V
325
450
μA
VIH = VDD and VIL = GND
POWER EFFICIENCY
IOUT/IDD
85
%
ILOAD = 2 mA, VDD = 5 V
1 Temperature range for B version is −40°C to +105°C, typical at +25°C.
2 DC specifications tested with the outputs unloaded, unless otherwise stated. Linearity calculated using a reduced code range of 2048 to 260096.
3 Guaranteed by design and characterization; not production tested.
4 Output unloaded.
5 Reference input range at ambient where maximum DNL specification is achievable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com