Electronic Components Datasheet Search
  English  ▼

X  

AD5680 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5680
Description  5 V 18-Bit nanoDAC in a SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5680 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5680 Datasheet HTML 12Page - Analog Devices AD5680 Datasheet HTML 13Page - Analog Devices AD5680 Datasheet HTML 14Page - Analog Devices AD5680 Datasheet HTML 15Page - Analog Devices AD5680 Datasheet HTML 16Page - Analog Devices AD5680 Datasheet HTML 17Page - Analog Devices AD5680 Datasheet HTML 18Page - Analog Devices AD5680 Datasheet HTML 19Page - Analog Devices AD5680 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD5680
Rev. 0 | Page 16 of 20
USING A REFERENCE AS A POWER SUPPLY FOR
THE AD5680
Because the supply current required by the AD5680 is extremely
low, an alternative option is to use a voltage reference to supply
the required voltage to the part (see Figure 35). This is especially
useful if the power supply is quite noisy, or if the system supply
voltages are at some value other than 5 V, for example, 15 V.
The voltage reference outputs a steady supply voltage for the
AD5680; see Table 6 for a suitable reference. If the low dropout
REF195 is used, it must supply 325 μA of current to the
AD5680, with no load on the output of the DAC. When the
DAC output is loaded, the REF195 also needs to supply the
current to the load. The total current required (with a 5 kΩ
load on the DAC output) is
325 μA + (5 V/5 kΩ) = 1.33 mA
The load regulation of the REF195 is typically 2 ppm/mA,
which results in a 2.7 ppm (13.5 μV) error for the 1.33 mA
current drawn from it. This corresponds to a 0.177 LSB error.
AD5680
3-WIRE
SERIAL
INTERFACE
SYNC
SCLK
DIN
15V
5V
VOUT = 0V TO 5V
VREF
VDD
REF195
250µA
Figure 35. REF195 as Power Supply to the AD5680
USING THE AD5680 WITH A GALVANICALLY
ISOLATED INTERFACE
In process-control applications in industrial environments, it is
often necessary to use a galvanically isolated interface to protect
and isolate the controlling circuitry from any hazardous
common-mode voltages that might occur in the area where the
DAC is functioning. Isocouplers provide isolation in excess of
3 kV. The AD5680 uses a 3-wire serial logic interface, so the
ADuM130x 3-channel digital isolator provides the required
isolation (see Figure 36). The power supply to the part also
needs to be isolated, which is done by using a transformer. On
the DAC side of the transformer, a 5 V regulator provides the
5 V supply required for the AD5680.
0.1µF
5V
REGULATOR
GND
DIN
SYNC
SCLK
POWER
10µF
SDI
SCLK
DATA
AD5680
VOUT
VOB
VOA
VOC
VDD
V1C
V1B
V1A
ADuM1300
Figure 36. AD5680 with a Galvanically Isolated Interface
POWER SUPPLY BYPASSING AND GROUNDING
When accuracy is important in a circuit, it is helpful to carefully
consider the power supply and ground return layout on the
board. The printed circuit board containing the AD5680 should
have separate analog and digital sections, each having its own
area of the board. If the AD5680 is in a system where other
devices require an AGND-to-DGND connection, the connection
should be made at one point only. This ground point should be
as close as possible to the AD5680.
The power supply to the AD5680 should be bypassed with 10 μF
and 0.1 μF capacitors. The capacitors should be located as close
as possible to the device, with the 0.1 μF capacitor ideally right
up against the device. The 10 μF capacitors are the tantalum
bead type. It is important that the 0.1 μF capacitor has low
effective series resistance (ESR) and effective series inductance
(ESI), for example, common ceramic types of capacitors. This
0.1 μF capacitor provides a low impedance path to ground for
high frequencies caused by transient currents due to internal
logic switching.
The power supply line itself should have as large a trace as
possible to provide a low impedance path and to reduce glitch
effects on the supply line. Clocks and other fast switching
digital signals should be shielded from other parts of the board
by digital ground. Avoid crossover of digital and analog signals
if possible. When traces cross on opposite sides of the board,
ensure that they run at right angles to each other to reduce
feedthrough effects on the board. The best board layout
technique is the microstrip technique where the component
side of the board is dedicated to the ground plane only and the
signal traces are placed on the solder side. However, this is not
always possible with a 2-layer board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com