Electronic Components Datasheet Search
  English  ▼

X  

AD5680 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5680
Description  5 V 18-Bit nanoDAC in a SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5680 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5680 Datasheet HTML 8Page - Analog Devices AD5680 Datasheet HTML 9Page - Analog Devices AD5680 Datasheet HTML 10Page - Analog Devices AD5680 Datasheet HTML 11Page - Analog Devices AD5680 Datasheet HTML 12Page - Analog Devices AD5680 Datasheet HTML 13Page - Analog Devices AD5680 Datasheet HTML 14Page - Analog Devices AD5680 Datasheet HTML 15Page - Analog Devices AD5680 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD5680
Rev. 0 | Page 12 of 20
SERIAL INTERFACE
The AD5680 has a 3-wire serial interface (SYNC, SCLK, and
DIN) that is compatible with SPI, QSPI, and MICROWIRE
interface standards as well as with most DSPs. See Figure 2 for
a timing diagram of a typical write sequence.
The write sequence begins by bringing the SYNC line low. Data
from the DIN line is clocked into the 24-bit shift register on the
falling edge of SCLK. The serial clock frequency can be as high
as 30 MHz, making the AD5680 compatible with high speed
DSPs. On the 24th falling clock edge, the last data bit is clocked
in and the programmed function is executed, that is, a change
in DAC register contents occurs. At this stage, the SYNC line
can be kept low or be brought high. In either case, it must be
brought high for a minimum of 33 ns before the next write
sequence so that a falling edge of SYNC can initiate the next
write sequence. Because the SYNC buffer draws more current
when VIN = 2 V than it does when VIN = 0.8 V, SYNC should be
idled low between write sequences for even lower power
operation. As mentioned previously it must, however, be
brought high again just before the next write sequence.
INPUT SHIFT REGISTER
The input shift register is 24 bits wide (see Figure 25). The first
four bits are don’t care bits. The next 18 bits are the data bits
followed by two don’t care bits. These are transferred to the
DAC register on the 24th falling edge of SCLK.
SYNC INTERRUPT
In a normal write sequence, the SYNC line is kept low for at
least 24 falling edges of SCLK, and the DAC is updated on the
24th falling edge. However, if SYNC is brought high before the
24th falling edge, this acts as an interrupt to the write sequence.
The shift register is reset and the write sequence is seen as
invalid. Neither an update of the DAC register contents nor a
change in the operating mode occurs (see Figure 26).
POWER-ON RESET
The AD5680 family contains a power-on reset circuit that
controls the output voltage during power-up. The AD5680-1
DAC output powers up to 0 V, and the AD5680-2 DAC output
powers up to midscale. The output remains there until a valid
write sequence is made to the DAC. This is useful in
applications where it is important to know the output state of
the DAC while it is in the process of powering up.
XXXX
XX
D17
D16
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
DATA BITS
DB23 (MSB)
DB0 (LSB)
Figure 25. Input Register Contents
DIN
DB23
DB23
DB0
DB0
INVALID WRITE SEQUENCE:
SYNC HIGH BEFORE 24TH FALLING EDGE
VALID WRITE SEQUENCE, OUTPUT UPDATES
ON THE 24TH FALLING EDGE
SYNC
SCLK
Figure 26. SYNC Interrupt Facility



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com