Electronic Components Datasheet Search
  English  ▼

X  

ISO15 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ISO15
Description  ISOx5 Isolated 3.3-V Half- and Full-Duplex RS-485 Transceivers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO15 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO15 Datasheet HTML 2Page - Texas Instruments ISO15 Datasheet HTML 3Page - Texas Instruments ISO15 Datasheet HTML 4Page - Texas Instruments ISO15 Datasheet HTML 5Page - Texas Instruments ISO15 Datasheet HTML 6Page - Texas Instruments ISO15 Datasheet HTML 7Page - Texas Instruments ISO15 Datasheet HTML 8Page - Texas Instruments ISO15 Datasheet HTML 9Page - Texas Instruments ISO15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ISO15, ISO35, ISO15M, ISO35M
SLOS580G – MAY 2008 – REVISED MARCH 2015
www.ti.com
7.4 Thermal Information
ISO15,
ISO35
THERMAL METRIC(1)
UNIT
DW (SOIC)
16 PINS
High-K board
79.6
RθJA
Junction-to-ambient thermal resistance
Low-K board
168
RθJC(top)
Junction-to-case (top) thermal resistance
39.7
RθJB
Junction-to-board thermal resistance
44.6
°C/W
ψJT
Junction-to-top characterization parameter
11.8
ψJB
Junction-to-board characterization parameter
44
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.5 Dissipation Ratings
VALUE
UNIT
VCC1 = VCC2 = 3.6 V, TJ = 150°C, CL = 15 pF,
PD
Device Power Dissipation
220
mW
Input a 0.5 MHz 50% duty cycle square wave
7.6 Supply Current
over recommended operating condition (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RE at 0 V or VCC, DE at 0 V, No load (driver disabled)
8
Logic-side supply
ISO35x and
ICC1
mA
current
ISO15x
RE at 0 V or VCC, DE at VCC, No Load (driver enabled)
8
RE at 0 V or VCC, DE at 0 V, No load (driver disabled)
15
Bus-side supply
ISO35x and
ICC2
mA
current
ISO15x
RE at 0 V or VCC, DE at VCC, No Load (driver enabled)
19
7.7 Driver Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IO = 0 mA, no load
2.5
VCC
RL = 54 Ω, See Figure 3
1.5
2
| VOD |
Differential output voltage magnitude
V
RL = 100 Ω (RS-422), See Figure 3
2
2.3
Vtest from –7 V to +12 V, See Figure 4
1.5
Change in magnitude of the differential
Δ|VOD|
See Figure 3 and Figure 4
–0.2
0
0.2
V
output voltage
VOC(SS)
Steady-state common-mode output voltage
1
2.6
3
See Figure 5
V
Change in steady-state common-mode
ΔVOC(SS)
–0.1
0.1
output voltage
VOC(pp)
Peak-to-peak common-mode output voltage See Figure 5
0.5
V
II
Input current
D, DE, VI at 0 V or VCC1
–10
10
μA
ISO15
See receiver input current
VY or VZ = 12 V
90
Other
IOZ
High-impedance state output current
VY or VZ = 12 V, VCC = 0
90
input
ISO35
μA
VY or VZ = –7 V
–10
at 0 V
VY or VZ = –7 V, VCC = 0
-10
VA or VB at –7 V
Other
input
IOS
Short-circuit output current
–250
250
mA
VA or VB at 12 V
at 0 V
COD
Differential output capacitance
VI = 0.4 sin (4E6πt) + 0.5 V, DE at 0 V
16
pF
CMTI
Common-mode transient immunity
VI = VCC or 0 V, See Figure 14 and Figure 15
25
50
kV/
μs
6
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: ISO15 ISO35 ISO15M ISO35M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com