Electronic Components Datasheet Search
  English  ▼

X  

ISO15 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ISO15
Description  ISOx5 Isolated 3.3-V Half- and Full-Duplex RS-485 Transceivers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO15 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISO15 Datasheet HTML 7Page - Texas Instruments ISO15 Datasheet HTML 8Page - Texas Instruments ISO15 Datasheet HTML 9Page - Texas Instruments ISO15 Datasheet HTML 10Page - Texas Instruments ISO15 Datasheet HTML 11Page - Texas Instruments ISO15 Datasheet HTML 12Page - Texas Instruments ISO15 Datasheet HTML 13Page - Texas Instruments ISO15 Datasheet HTML 14Page - Texas Instruments ISO15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
100
±1%
W
A
B
R
Note: Thistestisconductedtotestsurvivabilityonly.
DatastabilityattheRoutputisnotspecified.
D
0V
RE
3V
DE
+
-
PulseGenerator
15 sduration
1%dutycycle
t ,t <100ns
m
r
f
Input
Generator
50 W
R
A
B
RE
VI
S1
C =15pF±20%
L
0V
1.5V
C includesfixture
andinstrumentation
capacitance
L
Generator:PRR=500kHz,50%dutycycle,
t <6ns,t <6ns,Z
=50
r
f
O
W
50%
3 V
0 V
VI
VCC
VOL
tPZL
tPLZ
VO
50%
50%
10%
1k
±1%
W
VO
VCC
Input
Generator
50 W
R
A
B
RE
VI
S1
C =15pF±20%
L
0V
1.5V
C includesfixture
andinstrumentation
capacitance
L
Generator:PRR=500kHz,50%dutycycle,
t <6ns,t <6ns,Z
=50
r
f
O
W
50%
1k
±1%
W
tPZH
tPHZ
3 V
0 V
0V
50%
50%
90%
VCC
VO
VO
VOH
VI
ISO15, ISO35, ISO15M, ISO35M
www.ti.com
SLOS580G – MAY 2008 – REVISED MARCH 2015
Parameter Measurement Information (continued)
Figure 11. Receiver Enable Test Circuit and Waveforms, Data Output High
Figure 12. Receiver Enable Test Circuit and Waveforms, Data Output Low
Figure 13. Transient Overvoltage Test Circuit
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ISO15 ISO35 ISO15M ISO35M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com