Electronic Components Datasheet Search
  English  ▼

X  

ISO15 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # ISO15
Description  ISOx5 Isolated 3.3-V Half- and Full-Duplex RS-485 Transceivers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO15 Datasheet(HTML) 15 Page - Texas Instruments

Back Button ISO15 Datasheet HTML 11Page - Texas Instruments ISO15 Datasheet HTML 12Page - Texas Instruments ISO15 Datasheet HTML 13Page - Texas Instruments ISO15 Datasheet HTML 14Page - Texas Instruments ISO15 Datasheet HTML 15Page - Texas Instruments ISO15 Datasheet HTML 16Page - Texas Instruments ISO15 Datasheet HTML 17Page - Texas Instruments ISO15 Datasheet HTML 18Page - Texas Instruments ISO15 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Case Temperature (°C)
0
50
100
150
200
0
50
100
150
200
250
300
D001
VCC1 = VCC2 = 3.6 V
ISO15, ISO35, ISO15M, ISO35M
www.ti.com
SLOS580G – MAY 2008 – REVISED MARCH 2015
9.3.5 Safety-Limiting Values
Safety limiting intends to prevent potential damage to the isolation barrier upon failure of input or output circuitry.
A failure of the I/O can allow low resistance to ground or the supply and, without current limiting, dissipate
sufficient power to overheat the die and damage the isolation barrier potentially leading to secondary system
failures.
PARAMETER
MIN
TYP
MAX
UNIT
θJA = 168 °C/W, VI = 3.6 V, TJ =
IS
Safety input, output, or supply current
DW-16
240
mA
170°C, TA = 25°C
TS
Maximum case temperature
DW-16
150
°C
The safety-limiting constraint is the absolute maximum junction temperature specified in the absolute maximum
ratings table. The power dissipation and junction-to-air thermal impedance of the device installed in the
application hardware determines the junction temperature. The assumed junction-to-air thermal resistance in
Thermal Information is that of a device installed in a Low-Effective Thermal Conductivity Test Board for Leaded
Surface Mount Packages and is conservative. The power is the recommended maximum input voltage times the
current. The junction temperature is then the ambient temperature plus the power times the junction-to-air
thermal resistance.
Figure 16. DW-16
θJC Thermal Derating Curve per VDE
9.4 Device Functional Modes
Table 1. Driver Function Table(1)
INPUT
ENABLE INPUT
OUTPUTS(2)
(D)
(DE)
VCC1
VCC2
Y / A
Z / B
PU
PU
H
H
H
L
PU
PU
L
H
L
H
PU
PU
X
L
Hi-Z
Hi-Z
PU
PU
X
OPEN
Hi-Z
Hi-Z
PU
PU
OPEN
H
H
L
PD
PU
X
X
Hi-Z
Hi-Z
PU
PD
X
X
Hi-Z
Hi-Z
PD
PD
X
X
Hi-Z
Hi-Z
(1)
PU = Powered Up; PD = Powered Down; H = Logic High; L= Logic Low; X = Irrelevant, Hi-Z = High Impedance (off)
(2)
Driver output pins are Y and Z for full-duplex devices and A & B for half-duplex devices.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: ISO15 ISO35 ISO15M ISO35M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com