Electronic Components Datasheet Search
  English  ▼

X  

ISO15 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # ISO15
Description  ISOx5 Isolated 3.3-V Half- and Full-Duplex RS-485 Transceivers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO15 Datasheet(HTML) 18 Page - Texas Instruments

Back Button ISO15 Datasheet HTML 14Page - Texas Instruments ISO15 Datasheet HTML 15Page - Texas Instruments ISO15 Datasheet HTML 16Page - Texas Instruments ISO15 Datasheet HTML 17Page - Texas Instruments ISO15 Datasheet HTML 18Page - Texas Instruments ISO15 Datasheet HTML 19Page - Texas Instruments ISO15 Datasheet HTML 20Page - Texas Instruments ISO15 Datasheet HTML 21Page - Texas Instruments ISO15 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
R
D
R
DE
RE
D
Y
Z
R
D
R
RE
DE
D
A
B
B
A
Z
Y
R
D
R RE DE D
Z
Y
B
A
Master
Slave
Slave
R(T)
R(T)
R(T)
R(T)
R
D
R
RE
DE
D
A
B
R
D
R
RE
DE
D
A
B
R
D
R
RE
DE
D
A
B
a) Independent driver and
receiver enable signals
b) Combined enable signals for
use as directional control pin
c) Receiver always on
ISO15, ISO35, ISO15M, ISO35M
SLOS580G – MAY 2008 – REVISED MARCH 2015
www.ti.com
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
The ISO15x and ISO35x family consists of RS-485 transceivers commonly used for asynchronous data
transmissions. Full-duplex implementation requires two signal pairs (four wires), and allows each node to
transmit data on one pair while simultaneously receiving data on the other pair. For half-duplex transmission
there is only one pair which shared for both transmission and reception of data. To eliminate line reflections,
each cable end is terminated with a termination resistor, R(T), whose value matches the characteristic
impedance, Z0, of the cable. This method, known as parallel termination, allows for higher data rates over longer
cable length.
10.2 Typical Application
Figure 18. Half-Duplex Transceiver Configurations
Figure 19. Typical RS-485 Network With Full-Duplex Transceivers
18
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: ISO15 ISO35 ISO15M ISO35M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com