Electronic Components Datasheet Search
  English  ▼

X  

ISO15 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ISO15
Description  ISOx5 Isolated 3.3-V Half- and Full-Duplex RS-485 Transceivers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO15 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ISO15 Datasheet HTML 8Page - Texas Instruments ISO15 Datasheet HTML 9Page - Texas Instruments ISO15 Datasheet HTML 10Page - Texas Instruments ISO15 Datasheet HTML 11Page - Texas Instruments ISO15 Datasheet HTML 12Page - Texas Instruments ISO15 Datasheet HTML 13Page - Texas Instruments ISO15 Datasheet HTML 14Page - Texas Instruments ISO15 Datasheet HTML 15Page - Texas Instruments ISO15 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
V
orV
OH
OL
D
R
DE
VCC1
1kW
RE
54 W
GND1
V TEST
Y
Z
GND1
S 1
B
A
C=0.1 F±1%
m
C =15pF
L
(includesprobeand
jigcapacitance)
C=0.1 F
±1%
m
VCC2
2V
0.8V
GND2
54 W
1.5Vor0V
0Vor1.5V
V
orV
OH
OL
D
R
DE
VCC1
RE
54 W
GND1
VTEST
GND2
VCC2
V
orV
OH
OL
C=0.1 F±1%
m
1kW
C =15pF
L
(includesprobeand
jigcapacitance)
V
orV
OH
OL
GND1
S1
2V
0.8V
C=0.1 F
±1%
m
ISO15, ISO35, ISO15M, ISO35M
SLOS580G – MAY 2008 – REVISED MARCH 2015
www.ti.com
Parameter Measurement Information (continued)
Figure 14. Half-Duplex Common-Mode Transient Immunity Test Circuit
Figure 15. Full-Duplex Common-Mode Transient Immunity Test Circuit
12
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: ISO15 ISO35 ISO15M ISO35M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com