Electronic Components Datasheet Search
  English  ▼

X  

LTM8060 Datasheet(PDF) 9 Page - Analog Devices

Part # LTM8060
Description  Triple 3A, Ultralow Noise, High PSRR, Ultrafast μModule Linear Regulator with Configurable Output Array
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8060 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTM8060 Datasheet HTML 5Page - Analog Devices LTM8060 Datasheet HTML 6Page - Analog Devices LTM8060 Datasheet HTML 7Page - Analog Devices LTM8060 Datasheet HTML 8Page - Analog Devices LTM8060 Datasheet HTML 9Page - Analog Devices LTM8060 Datasheet HTML 10Page - Analog Devices LTM8060 Datasheet HTML 11Page - Analog Devices LTM8060 Datasheet HTML 12Page - Analog Devices LTM8060 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LTM4709
9
Rev. 0
For more information www.analog.com
BLOCK DIAGRAM
100kΩ
2.2µF
909Ω
10µF
10µF
LDO
VIN1
VOUT1
EN1
PGR1
PG1
VOUTS1
IMONR1
IMON1
VREF1
VO10
VO11
VO12
BIAS1
GND
VIOC1
VOUT1
0.8V, 3A
VBIAS
3.3V
VIN
1.3V, 9A
4709 F01
VOUT2
1.0V, 3A
2.2µF
100kΩ
2.2µF
909Ω
LDO
VIN2
VOUT2
EN2
PGR2
PG2
VOUTS2
IMONR2
IMON2
VREF2
VO20
VO21
VO22
BIAS2
2.2µF
100kΩ
2.2µF
909Ω
LDO
VIN3
VOUT3
EN3
PGR3
PG3
VOUTS3
IMONR3
IMON3
VREF3
VO30
VO31
VO32
BIAS3
2.2µF
VOUT3
0.9V, 3A
10µF
4.7µF
× 3
Figure 1. LTM4709 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com