Electronic Components Datasheet Search
  English  ▼

X  

LTM8060 Datasheet(PDF) 3 Page - Analog Devices

Part # LTM8060
Description  Triple 3A, Ultralow Noise, High PSRR, Ultrafast μModule Linear Regulator with Configurable Output Array
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8060 Datasheet(HTML) 3 Page - Analog Devices

  LTM8060 Datasheet HTML 1Page - Analog Devices LTM8060 Datasheet HTML 2Page - Analog Devices LTM8060 Datasheet HTML 3Page - Analog Devices LTM8060 Datasheet HTML 4Page - Analog Devices LTM8060 Datasheet HTML 5Page - Analog Devices LTM8060 Datasheet HTML 6Page - Analog Devices LTM8060 Datasheet HTML 7Page - Analog Devices LTM8060 Datasheet HTML 8Page - Analog Devices LTM8060 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LTM4709
3
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C (Note 2), COUT = 10µF, per the typical application.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
VIN
Input DC Voltage
l
0.6
5.5
V
VBIAS
BIAS Voltage
(Note 3)
l
2.375
5.5
V
VOUT
Regulated Output Voltage, Total
Variation with Line and Load
(Note 5)
VOUT = 0.5V, 10mA ≤ IOUT ≤ 3A, 0.70V ≤ VIN ≤ 0.9V
VOUT = 1.0V, 10mA ≤ IOUT ≤ 3A, 1.2V ≤ VIN ≤ 1.4V
VOUT = 1.2V, 10mA ≤ IOUT ≤ 3A, 1.4V ≤ VIN ≤ 1.6V
VOUT = 3.3V, 10mA ≤ IOUT ≤ 3A, 3.5V ≤ VIN ≤ 3.7V
VOUT = 4.2V, 10mA ≤ IOUT ≤ 3A, 4.4V ≤ VIN ≤ 4.6V
l
l
l
0.4925
0.988
1.182
3.2505
4.137
0.500
1.000
1.200
3.300
4.200
0.5075
1.012
1.218
3.3495
4.263
V
V
V
V
V
∆VOUT(LINE)
Line Regulation to VIN
VOUT = 0.5V, VIN = 0.7V to 5.5V, VBIAS = 2.375V, IOUT = 10mA
VOUT = 4.2V, VIN = 4.4V to 5.5V, VBIAS = 5.5V, IOUT = 10mA
l
l
1.5
1.8
mV
mV
∆VOUT(BIAS)
Line Regulation to VBIAS
VOUT = 0.5V, VBIAS = 2.375V to 5.5V, VIN = 0.7V, IOUT = 10mA
VOUT = 3.3V, VBIAS = 4.5V to 5.5V, VIN = 3.5V, IOUT = 10mA
l
l
0.35
2.5
mV
mV
∆VOUT(LOAD)/VOUT Load Regulation, ∆IOUT = 10mA to 3A
(Note 5)
VBIAS = 2.4V, VIN = 1.4V, VOUT = 1.2V
l
0.26
%
VDO
Dropout Voltage, VIN = VOUT(PROG),
VBIAS ≥ VOUT + 1.2V (Note 4)
IOUT = 1A, VIN = VOUT = 1.2V
l
15
22
33
mV
mV
IOUT = 2A, VIN = VOUT = 1.2V
l
30
44
66
mV
mV
IOUT = 3A, VIN = VOUT = 1.2V
l
45
65
100
mV
mV
Minimum Load
Current
l
10
mA
IBIAS
BIAS Pin Current VIN = 1.4V,
VOUT = 1.2V, VBIAS = 3.3V
IOUT = 10mA
IOUT = 3A
4
5.5
6
7.4
mA
mA
IBIAS(DROPOUT)
BIAS Pin Current in Dropout
(Notes 4 and 5)
VBIAS = VOUT + 1.2V, VIN = VOUT = 1.2V, IOUT = 3A
VBIAS = 5.5V VIN = VOUT = 1.2V, IOUT = 3A
l
5.5
35
7.0
45
mA
IBIAS(SHUTDOWN) BIAS Pin Shutdown Mode Current
VBIAS = 5.5V, EN = 0V
10
μA
IMON
IMON Pin Output Current (Note 5)
IOUT = 3A, VIN = 1.4V, VOUT = 1.2V
IOUT = 1A, VIN = 1.4V, VOUT = 1.2V
l
l
0.98
313
1.0
333.3
1.02
353
mA
μA
IOUT/IMON
IOUT/IMON Ratio (Note 5)
IOUT = 3A, VIN = 1.4V, VOUT = 1.2V
IOUT = 1A, VIN = 1.4V, VOUT = 1.2V
l
l
2970
2970
3000
3000
3030
3030
IMON(OFF)
IMON Shutdown Current
VBIAS = 5.0V, EN = 0V
1
μA
ILIM
Programmable Current Limit
(Note 5)
IMONR Connected to GND
RIMON = 1kΩ
RIMON = 2kΩ
l
l
l
3.2
2.94
1.45
3.3
3.0
1.5
3.4
3.06
1.55
A
A
A
VTH(PG)
VOUT Threshold for Power Good
Percentage of VOUT(NOMINAL), VOUT Rising
Percentage of VOUT(NOMINAL), VOUT Falling
91
88
93
90
95
92
%
%
VPG(LO)
Power Good VOL
IPG = 200μA (Fault Condition)
42
100
mV
IPG(LK)
Power Good VOH Leakage
VPG = VBIAS = 5V
1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com