Electronic Components Datasheet Search
  English  ▼

X  

LTM8060 Datasheet(PDF) 12 Page - Analog Devices

Part # LTM8060
Description  Triple 3A, Ultralow Noise, High PSRR, Ultrafast μModule Linear Regulator with Configurable Output Array
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8060 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTM8060 Datasheet HTML 8Page - Analog Devices LTM8060 Datasheet HTML 9Page - Analog Devices LTM8060 Datasheet HTML 10Page - Analog Devices LTM8060 Datasheet HTML 11Page - Analog Devices LTM8060 Datasheet HTML 12Page - Analog Devices LTM8060 Datasheet HTML 13Page - Analog Devices LTM8060 Datasheet HTML 14Page - Analog Devices LTM8060 Datasheet HTML 15Page - Analog Devices LTM8060 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
LTM4709
12
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Bias Undervoltage Lockout
An internal undervoltage lockout (UVLO) comparator
monitors the BIAS1,2,3 pin. If BIAS drops below the UVLO
threshold, all functions shut down, the pass transistors
are off, and output currents fall to zero. The typical BIAS
pin UVLO threshold is 2.21V on the rising edge of BIAS.
The UVLO circuit incorporates about 150mV of hysteresis
on the falling edge of BIAS.
High-Efficiency Linear Regulator: Input-to-Output
Voltage Control (VIOC)
The VIOC1 pin is used to control an upstream switch-
ing converter to maintain a constant voltage across the
LTM4709. This maximizes efficiency while maintaining
high PSRR performance. The VIOC1 pin voltage equals
to (VIN – VOUT) + 800mV, where VIN and VOUT are input
voltage and output voltage of LTM4709. The basic
operation of VIOC is shown in Figure 2. In the case that
the internal reference voltage of the upstream switching
regulator VREFSW ≥ 1V, just tie the VIOC1 pin to the feed-
back pin VFB of the switching regulator. This will regulate
the LTM4709’s input-to-output difference to the switch-
ing regulator’s internal reference voltage VREFSW minus
800mV. When paralleling multiple channels of a single
or multiple LTM4709, just connect the VIOC1 pin to the
upstream switching regulator’s feedback pin to achieve
the VIOC function for all paralleled channels. When the
LTM4709 is used for separate outputs, only channel 1 has
a VIOC function. Channel 2 and Channel 3 do not have a
VIOC function when the module is operating in separate
outputs.
While the VIOC buffer is inside the switching converter’s
feedback loop, given the VIOC buffer’s high bandwidth,
the switching converter’s frequency compensation doesn’t
need to be adjusted. Phase delay through the VIOC buffer
is typically less than 2° for frequencies as high as 100kHz.
Hence, the VIOC buffer will be transparent and just act like
an ideal wire within the switching converter’s bandwidth
(which is usually less than 100kHz).
For example, for a switching converter with less than
100kHz bandwidth and a phase margin of 50°, using the
VIOC buffer, the phase margin will degrade by at most 2°.
The phase margin for the switching converter (using the
VIOC pin) will be at least 48°. Given the VIOC buffer is
inside the switching converter’s feedback loop, the total
capacitance on the VIOC pin is required to be below 20pF.
As shown in Figure  3, the input-to-output differential
voltage is easily programmable to support different applica-
tion needs (PSRR vs power dissipation) using Equation 1.
VIN1 – VOUT1 + 0.8V = VREFSW • R1 + R2
R1
(1)
IMONR1
PGR1
VO11
VIOC1
VO10
PG1
VO12
EN1
BIAS1
VOUTS1
VIN1
GND
VREF1
VOUT1
3.3VBIAS
100 F
4.7 F
4709 F02
22 F
0.8VOUT1
SW
VFB
VIN
R1
VIN
IMON1
UPSTREAM
SWITCHING
REGULATOR
VREFSW ≥ 1V
0.8V
–
+
×1
LTM4709
Figure 2.
Input-to-Output Voltage Control (VIOC) Basic Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com