Electronic Components Datasheet Search
  English  ▼

X  

LTM8060 Datasheet(PDF) 18 Page - Analog Devices

Part # LTM8060
Description  Triple 3A, Ultralow Noise, High PSRR, Ultrafast μModule Linear Regulator with Configurable Output Array
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8060 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTM8060 Datasheet HTML 14Page - Analog Devices LTM8060 Datasheet HTML 15Page - Analog Devices LTM8060 Datasheet HTML 16Page - Analog Devices LTM8060 Datasheet HTML 17Page - Analog Devices LTM8060 Datasheet HTML 18Page - Analog Devices LTM8060 Datasheet HTML 19Page - Analog Devices LTM8060 Datasheet HTML 20Page - Analog Devices LTM8060 Datasheet HTML 21Page - Analog Devices LTM8060 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
LTM4709
18
Rev. 0
For more information www.analog.com
a thorough laboratory evaluation replicates the simulated
conditions with thermocouples within a controlled envi-
ronment chamber while operating the device at the same
power loss as simulated. An outcome of this process and
due diligence yields a set of derating curves (see Figure 7
to Figure 13).
After these laboratory tests have been performed and cor-
related to the LTM4709 model, then the θJA is provided
assuming approximately 100% of the power loss flows
from the junction through the board into the ambient with
no airflow or top-mounted heat sink.
The load current derating curves are shown in Figure 7 to
Figure 13. The maximum load current is achievable while
increasing ambient temperature if the junction tempera-
ture is less than 145°C, which is 5°C guard band from
the maximum junction temperature of 150°C. When the
ambient temperature reaches a point where the junction
temperature is 145°C, then the load current is lowered
to maintain the junction at 145°C while increasing the
ambient temperature up to 140°C. The derating curves
are plotted with three channels in parallel, total current
starting at full load 9A, and the ambient temperature at
25°C. The input-to-output differential voltages are 200mV,
250mV, 300mV, 400mV, 500mV, 600mV, 700mV. These
are chosen to include the lower and higher output voltage
ranges. Thermal models are derived from several tempera-
ture measurements in a controlled temperature chamber,
along with thermal modeling analysis. The junction tem-
peratures are monitored while the ambient temperature
is increased with and without airflow. The decreased
output current will decrease the internal module loss
as ambient temperature is increased. Table 2 provides
equivalent thermal resistances for with and without air-
flow. LTpowerCAD offers an empirical thermal model
for thermal estimation based on the EVAL-LTM4709-BZ
evaluation board as well. The printed circuit board is a
1.6mm thick four layers board with two-ounce copper for
all four layers. The PCB dimensions are 114mm × 124mm.
APPLICATIONS INFORMATION
Table 2. Derating Curve at Various VIN – VOUT
DERATING CURVE
VIN – VOUT
(V)
AIRFLOW
(LFM)
HEAT SINK
θJA
(°C/W)
Figure 7
0.2
0
None
15
Figure 8
0.25
Figure 9
0.3
Figure 10
0.4
Figure 11
0.5
Figure 12
0.6
Figure 13
0.7
Figure 7
0.2
200
None
13.5
Figure 8
0.25
Figure 9
0.3
Figure 10
0.4
Figure 11
0.5
Figure 12
0.6
Figure 13
0.7
Figure 7
0.2
400
None
13
Figure 8
0.25
Figure 9
0.3
Figure 10
0.4
Figure 11
0.5
Figure 12
0.6
Figure 13
0.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com