Electronic Components Datasheet Search
  English  ▼

X  

LTM8060 Datasheet(PDF) 16 Page - Analog Devices

Part # LTM8060
Description  Triple 3A, Ultralow Noise, High PSRR, Ultrafast μModule Linear Regulator with Configurable Output Array
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8060 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTM8060 Datasheet HTML 12Page - Analog Devices LTM8060 Datasheet HTML 13Page - Analog Devices LTM8060 Datasheet HTML 14Page - Analog Devices LTM8060 Datasheet HTML 15Page - Analog Devices LTM8060 Datasheet HTML 16Page - Analog Devices LTM8060 Datasheet HTML 17Page - Analog Devices LTM8060 Datasheet HTML 18Page - Analog Devices LTM8060 Datasheet HTML 19Page - Analog Devices LTM8060 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
LTM4709
16
Rev. 0
For more information www.analog.com
through the LTM4709. While the output capacitor is par-
tially intended to absorb these spikes, its equivalent series
inductance (ESL) will limit its ability at these frequencies.
A ferrite bead or even the inductance associated with a
short (e.g., 0.5-inch) PCB trace between the switcher’s
output and the LTM4709’s input can serve as an LC-filter
to suppress these very high-frequency spikes.
Fast Start-Up
For ultralow noise applications that require low 1/f noise
(i.e., at frequencies below 100Hz), a larger value VREF
pin capacitor is required, up to 22μF. While this would
normally significantly increase the regulator’s start-up
time, the LTM4709 incorporates fast start-up circuitry
that increases VREF pin current to 2mA during start-up.
For a 22μF capacitor, this will reduce the startup time from
100ms to 5ms.
The 2mA current source remains engaged until VREF is
100% of its final value on the rising edge, and it will restart
when VOUT is below 94% of output setting on the falling
edge, unless the regulator is in current limit, thermal shut-
down, or UVLO situation.
Thermal Considerations and Output Current Derating
For application in high ambient temperature, care should
be taken in the PCB layout to ensure good heat transfer
from LTM4709 to the PCB. The VIN and VOUT should be
connected to large copper layers below with thermal vias.
The die temperature can be estimated by multiplying the
LTM4709 power dissipation by the thermal resistance
from the junction to the ambient.
The thermal picture when the LTM4709 is mounted on the
EVAL-LTM4709-BZ evaluation board and is operating at
1.3VIN, 1VOUT, and 9A load current with three channels
in parallel is shown in Figure 5. The highest temperature
of the module top case is 66°C and the currents of the
three channels are well balanced.
The internal overtemperature protection monitors the
junction temperature of the LTM4709. If the junction
temperature reaches 168°C, the LTM4709 output is shut
down until the temperature drops by 7°C.
Figure 5. Thermal Image, Full Load with Three Channels in
Parallel (1.3VIN, 1VOUT, 9A) without Fan, TA = 25°C
The thermal resistances reported in the Pin Configuration
section are consistent with those parameters defined by
JESD51-12 and are intended for use with finite element
analysis (FEA) software modeling tools that leverage the
outcome of thermal modeling, simulation, and correlation
to hardware evaluation performed on a μModule pack-
age mounted to a hardware test board. The motivation
for providing these thermal coefficients can be found in
JESD51-12 (Guidelines for Reporting and Using Electronic
Package Thermal Information).
Many designers may opt to use laboratory equipment and
a test vehicle such as the demo board to anticipate the
μModule regulator’s thermal performance in their appli-
cation at various electrical and environmental operating
conditions to compliment any FEA activities. Without
FEA software, the thermal resistances reported in the
Pin Configuration section are, in-and-of themselves, not
relevant to providing guidance of thermal performance;
instead, the derating curves (Figure 7 to Figure 13) can
be used in a manner that yields insight and guidance per-
taining to one’s application usage and can be adapted to
correlate thermal performance to one’s own application.
The Pin Configuration section typically gives three thermal
coefficients explicitly defined in JESD51-12; these coeffi-
cients are quoted or paraphrased below.
1. θJA, the thermal resistance from junction to ambi-
ent, is the natural convection junction-to-ambient air
thermal resistance measured in one cubic foot sealed
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com