Electronic Components Datasheet Search
  English  ▼

X  

AD8385 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8385
Description  10-Bit, 12-Channel Decimating LCD DECDRIVER with Level Shifters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8385 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8385 Datasheet HTML 3Page - Analog Devices AD8385 Datasheet HTML 4Page - Analog Devices AD8385 Datasheet HTML 5Page - Analog Devices AD8385 Datasheet HTML 6Page - Analog Devices AD8385 Datasheet HTML 7Page - Analog Devices AD8385 Datasheet HTML 8Page - Analog Devices AD8385 Datasheet HTML 9Page - Analog Devices AD8385 Datasheet HTML 10Page - Analog Devices AD8385 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD8385
Rev. 0 | Page 7 of 24
ABSOLUTE MAXIMUM RATINGS
Table 7.
Parameter
Rating
Supply Voltage
AVCCx – AGNDx
18 V
DVCC – DGND
4.5 V
Input Voltage
Maximum Digital Input Voltage
DVCC + 0.5 V
Minimum Digital Input Voltage
DGND – 0.5 V
Maximum Analog Input Voltage
AVCC + 0.5 V
Minimum Analog Input Voltage
AGND – 0.5 V
Internal Power Dissipation1
TQFP E-Pad Package @ TA = 25°C
5.00 W
Operating Temperature Range
0°C to 85°C
Storage Temperature Range
–65°C to 125°C
Lead Temperature Range (Soldering, 10 sec)
300°C
Stresses above those listed under the Absolute Maximum
Ratings may cause permanent damage to the device. This is a
stress rating only; functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to the
absolute maximum ratings for extended periods may reduce
device reliability.
1 100-lead TQFP E-pad package: θJA = 20°C/W (still air),
JEDEC STD, 4-layer PCB in still air.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com