Electronic Components Datasheet Search
  English  ▼

X  

AD8385 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8385
Description  10-Bit, 12-Channel Decimating LCD DECDRIVER with Level Shifters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8385 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8385 Datasheet HTML 16Page - Analog Devices AD8385 Datasheet HTML 17Page - Analog Devices AD8385 Datasheet HTML 18Page - Analog Devices AD8385 Datasheet HTML 19Page - Analog Devices AD8385 Datasheet HTML 20Page - Analog Devices AD8385 Datasheet HTML 21Page - Analog Devices AD8385 Datasheet HTML 22Page - Analog Devices AD8385 Datasheet HTML 23Page - Analog Devices AD8385 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD8385
Rev. 0 | Page 20 of 24
Power-Up During Normal Operation
The serial interface has no power-on reset.
Code 010XXXXXXXXX, sent immediately following
a power-up places, all outputs into normal operating
mode and disables the thermal switch.
OPERATION IN HIGH AMBIENT TEMPERATURE
To extend the maximum operating junction temperature of the
AD8385 to 150°C, keep the thermal switch disabled during
normal operation. Code format X10XXXXXXXXX ensures a
disabled thermal switch.
POWER SUPPLY SEQUENCING
As indicated in the Absolute Maximum Ratings, the voltage at
any input pin cannot exceed its supply voltage by more than
0.5 V. To ensure compliance with the Absolute Maximum
Ratings, the following power-up and power-down sequencing
is recommended.
During power-up, initial application of nonzero voltages to any
of the input pins must be delayed until the supply voltage ramps
up to its highest operational input voltage.
During power-down, the voltage at any input pin must reach
zero during a period not exceeding the hold-up time of the
power supply.
Failure to comply with the Absolute Maximum Ratings, may
result in functional failure or damage to the internal ESD
diodes. Damaged ESD diodes can cause temporary parametric
failures, which can result in image artifacts. Damaged ESD
diodes cannot provide full ESD protection, reducing reliability.
Table 16.
Power-On
Power-Off
1. Apply power to supplies.
1. Remove power from I/Os.
2. Apply power to other I/Os.
2. Remove power from supplies.
VBIAS GENERATION—V1, V2 INPUT PIN
FUNCTIONALITY
To avoid image flicker, a symmetrical ac voltage is required and
a bias voltage of approximately 1 V minimum must be
maintained across the pixels of HTPS LCDs. The AD8385
provides an internal and external method of maintaining this
bias voltage.
Internal Bias Voltage Generation
Standard systems that internally generate the bias voltage
reserve the uppermost code range for the bias voltage, and use
the remaining code range to encode the video for gamma
correction. A high degree of ac symmetry is guaranteed by the
AD8385 in these systems.
The V1 and V2 inputs in these systems are tied together and are
normally connected to VCOM, as shown in Figure 18.
VBIAS = 1V
VCOM
VFS = 5V
VFS = 5V
RESERVED
CODE
RANGE
VBIAS = 1V
V2
V1
VCOM
AD8385
1023
820
Figure 18. V1, V2 Connection and Transfer
Function in a Typical Standard System
External Bias Voltage Generation
In systems that require improved brightness resolution and
higher accuracy, the V1 and V2 inputs, connected to external
voltage references, provide the necessary bias voltage (VBIAS)
while allowing the full code range to be used for gamma
correction.
To ensure a symmetrical ac voltage at the AD8385’s outputs,
VBIAS must remain constant for both states of INV. Therefore,
V1 and V2 are defined as
V1 = VCOM – VBIAS
V2 = VCOM + VBIAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com