Electronic Components Datasheet Search
  English  ▼

X  

AD8385 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8385
Description  10-Bit, 12-Channel Decimating LCD DECDRIVER with Level Shifters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8385 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8385 Datasheet HTML 13Page - Analog Devices AD8385 Datasheet HTML 14Page - Analog Devices AD8385 Datasheet HTML 15Page - Analog Devices AD8385 Datasheet HTML 16Page - Analog Devices AD8385 Datasheet HTML 17Page - Analog Devices AD8385 Datasheet HTML 18Page - Analog Devices AD8385 Datasheet HTML 19Page - Analog Devices AD8385 Datasheet HTML 20Page - Analog Devices AD8385 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD8385
Rev. 0 | Page 17 of 24
Table 15. Truth Table @ TSTM = High. Thermal Switch
Enabled. Grounded Output Disabled.
SD
SEN
11
10
9
8
Action
0
0
X
X
Load VAO2. No change to VAO1.
1
0
X
X
Load VAO1. No change to VAO2.
X
1
X
X
No change to VAO1 and VAO2 data.
X
X
X
X
Start a serial interface loading cycle.
No change to outputs.
X = Don’t Care.
OUTPUT OPERATING MODE
In normal operating mode, the voltage of the video outputs and
VAO1 is determined by the inputs.
In grounded output mode, the video outputs and VAO1 are
forced to (AGND + 0.1 V) typ.
OVERLOAD PROTECTION
The overload protection employs current limiters and a thermal
switch to protect the video output pins against accidental shorts
between any video output pin and AVCC or AGND.
The junction temperature trip point of the thermal switch is
165°C. Production test guarantees a minimum junction
temperature trip point of 125°C. Consequently, the operating
junction temperature should not be allowed to rise above 125°C
with the thermal switch enabled.
For systems that operate at high internal ambient temperatures
and require large capacitive loads to be driven by the AD8385 at
high frequencies, junction temperatures above 125°C may be
required. In such systems, the thermal switch should either be
disabled or a minimum airflow of 200 lfm be maintained.
SERIAL DACS
Both serial DACs are loaded via the serial interface. The output
voltage is determined by the following equation:
VAO1, VAO2 = SVRL + SD(0:7) × (SVRH – SVRL)/256
Output VAO1 is designed to drive very large capacitive loads,
above 0.047 µF. Lower capacitive loads may result in excessive
overshoot at VAO1.
Level Shifters
The characteristics of the level shifters are optimized based on
their intended use.
Seven level shifters—DX, CLX, CLXN, and ENBX[1:4]—are
optimized for the X direction and three—DY, CLY and CLYN—
are optimized for the Y direction control signals.
One level shifter—NRG—is designed to drive a large capacitive
load and is optimized for an X direction control signal. Two
level shifters—DIRX and DIRY—are optimized for very low
frequency control signals.
One level shifting edge detector—MONITI, MONITO—is
optimized to condition a synchronizing feedback reference
signal from the LCD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com