Electronic Components Datasheet Search
  English  ▼

X  

AD8385 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8385
Description  10-Bit, 12-Channel Decimating LCD DECDRIVER with Level Shifters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8385 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8385 Datasheet HTML 6Page - Analog Devices AD8385 Datasheet HTML 7Page - Analog Devices AD8385 Datasheet HTML 8Page - Analog Devices AD8385 Datasheet HTML 9Page - Analog Devices AD8385 Datasheet HTML 10Page - Analog Devices AD8385 Datasheet HTML 11Page - Analog Devices AD8385 Datasheet HTML 12Page - Analog Devices AD8385 Datasheet HTML 13Page - Analog Devices AD8385 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8385
Rev. 0 | Page 10 of 24
Pin Name
Function
Description
SCL
Serial Interface Data
Clock
Clock for the Serial Interface.
SDI
Serial Interface Data
Input
While the SEN input is low, one 12-bit serial word is loaded into the serial interface on the rising
edges of SCL. The first four bits select the function; the following eight bits are the data used in the
serial DACs.
SEN
Serial Interface
Enable
A falling edge of this input initiates a loading cycle. While this input is held low, the serial interface
is enabled and data is loaded on every rising edge of SCL. The selected functions are updated on
the rising edge of this input. While this input is held high, the serial interface is disabled.
VAO1, VAO2
Serial DAC Voltage
Output
These output voltages are updated on the rising edge of the SEN input.
TSTM
Test Mode
When this input is low, the overload protection and output mode are determined by the function
programmed into the serial interface. While this input is held high, the overload protection is
forced to enabled and the output mode is forced to normal, regardless of function programmed
into the serial interface.
TSTA
Test Pin
Connect this pin to DGND.
MONITI
Monitor Input
Logic Input of the Level Shifting Inverting Edge Detector.
MONITO
Monitor Output
Output of the Level Shifting Inverting Edge Detector.
DYIN, DIRYIN,
DIRXIN, DXIN,
NRGIN,
ENBX(1–4)IN
Inverting Level
Shifter Inputs
Logic Input of the Inverting Level Shifters.
DX, DY, DIRX,
DIRY, NRG,
ENBX(1–4)
Inverting Level
Shifter Outputs
While the corresponding input voltage of these level shifters is below the threshold voltage, the
output voltage at these pins is at VOH. While the corresponding input voltage of these level
shifters is above the threshold voltage, the output voltage at these pins is at VOL.
CLXIN, CLYIN
Complementary
Level Shifter Inputs
Logic Input of the Complementary Level Shifters.
CLX, CLXN,
CLY, CLYN,
Complementary
Level Shifter
Outputs
While the corresponding input voltage of these level shifters is below the threshold voltage, the
voltage at the noninverting output pins is at VOH and the voltage at the inverting outputs is at
VOL. While the corresponding input voltage of these level shifters is above the threshold voltage,
the voltage at the noninverting output pins is at VOL and the voltage at the inverting outputs is at
VOH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com