Electronic Components Datasheet Search
  English  ▼

X  

AD8385 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8385
Description  10-Bit, 12-Channel Decimating LCD DECDRIVER with Level Shifters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8385 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8385 Datasheet HTML 14Page - Analog Devices AD8385 Datasheet HTML 15Page - Analog Devices AD8385 Datasheet HTML 16Page - Analog Devices AD8385 Datasheet HTML 17Page - Analog Devices AD8385 Datasheet HTML 18Page - Analog Devices AD8385 Datasheet HTML 19Page - Analog Devices AD8385 Datasheet HTML 20Page - Analog Devices AD8385 Datasheet HTML 21Page - Analog Devices AD8385 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD8385
Rev. 0 | Page 18 of 24
THEORY OF OPERATION
TRANSFER FUNCTION AND ANALOG OUTPUT
VOLTAGE
The DECDRIVER has two regions of operation where the video
output voltages are either above reference voltage V2 or below
reference voltage V1. The transfer function defines the video
output voltage as the function of the digital input code:
VIDx(n) = V2 + VFS × (1 – n/1023), for INV = high
VIDx(n) = V1 – VFS × (1 – n/1023), for INV = low
where:
n = input code
VFS = 2 × (VRH – VRL)
A number of internal limits define the usable range of the video
output voltages, VIDx. See Figure 15.
INPUT CODE
AGND
V1 – VFS
V1
V2
V2 + VFS
AVCC
0
1023
0
≤ VFS ≤ 5.5V
0
≤ VFS ≤ 5.5V
5V
≤ V2 ≤ (AVCC – 4)
5V
≤ V1
≤ (AVCC – 4)
9V
≤ AVCC ≤ 18V
≥ 1.3V
≥ 1.3V
INV = HIGH
INV = LOW
INTERNAL LIMITS AND
USABLE VOLTAGE RANGES
VOUTN(n)
VOUTP(n)
Figure 15. Transfer Function and Usable Voltage Ranges
ACCURACY
To best correlate transfer function errors to image artifacts, the
overall accuracy of the DECDRIVER is defined by two
parameters, VDE and VCME.
VDE, the differential error voltage, measures the difference
between the rms value of the output and the rms value of the
ideal. The defining expression is
VFS
n
V
n
VOUTP
V
n
VOUTN
n
VDE
×
⎟
⎠
⎞
⎜
⎝
⎛
=
1023
–
1
–
2
]
1
–
)
(
[
–
]
2
–
)
(
[
)
(
VCME, the common-mode error voltage, measures ½ the dc
bias of the output. The defining expression is
()
⎥⎦
⎤
⎢⎣
⎡
+
+
=
2
2
1
–
)
(
)
(
2
1
2
1
)
(
V
V
n
VOUTP
n
VOUTN
n
VCME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com