Electronic Components Datasheet Search
  English  ▼

X  

AD71028 Datasheet(PDF) 4 Page - Analog Devices

Part # AD71028
Description  Dual Digital BTSC Encoder with Integrated DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD71028 Datasheet(HTML) 4 Page - Analog Devices

  AD71028 Datasheet HTML 1Page - Analog Devices AD71028 Datasheet HTML 2Page - Analog Devices AD71028 Datasheet HTML 3Page - Analog Devices AD71028 Datasheet HTML 4Page - Analog Devices AD71028 Datasheet HTML 5Page - Analog Devices AD71028 Datasheet HTML 6Page - Analog Devices AD71028 Datasheet HTML 7Page - Analog Devices AD71028 Datasheet HTML 8Page - Analog Devices AD71028 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD71028
Rev. 0 | Page 4 of 20
POWER
Table 4.
Parameter
Min
Typ
Max
Unit
Supplies
Voltage, Analog and Digital
4.5
5
5.5
V
Analog Current
31
37
mA
Digital Current
97
110
mA
Dissipation
Operation—Both Supplies
640
mW
Operation—Analog Supplies
155
mW
Operation—Digital Supplies
485
mW
TEMPERATURE RANGE
Table 5.
Parameter
Min
Typ
Max
Unit
Specifications Guaranteed
25
°C
Functionality Guaranteed
0
70
°C
Storage
–55
+125
°C
DIGITAL TIMING
Table 6.
Parameter
Min
Typ
Max
Unit
tDMD
MCLK Recommended Duty Cycle @ 12.288 MHz (256 × fS and 512 × fS Modes)
40
60
%
tDBL
BCLK Low Pulse Width
25
ns
tDBH
BCLK High Pulse Width
10
ns
tDLS
LRCLK Setup
0
ns
tDLH
LRCLK Hold
10
ns
tDDS
SDATA Setup
0
ns
tDDH
SDATA Hold
10
ns
tCCL
CCLK Low Pulse Width
10
ns
tCCH
CCLK High Pulse Width
10
ns
tCLS
CLATCH Setup
10
ns
tCLH
CLATCH Hold
20
ns
tCLD
CLATCH High Pulse Width
10
ns
tCDS
CDATA Setup
0
ns
tCDH
CDATA Hold
10
ns
tRLP
Reset LO Pulse Width
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com