Electronic Components Datasheet Search
  English  ▼

X  

AD71028 Datasheet(PDF) 12 Page - Analog Devices

Part # AD71028
Description  Dual Digital BTSC Encoder with Integrated DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD71028 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD71028 Datasheet HTML 8Page - Analog Devices AD71028 Datasheet HTML 9Page - Analog Devices AD71028 Datasheet HTML 10Page - Analog Devices AD71028 Datasheet HTML 11Page - Analog Devices AD71028 Datasheet HTML 12Page - Analog Devices AD71028 Datasheet HTML 13Page - Analog Devices AD71028 Datasheet HTML 14Page - Analog Devices AD71028 Datasheet HTML 15Page - Analog Devices AD71028 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD71028
Rev. 0 | Page 12 of 20
SPI PORT
CLATCH
CDATA
CCLK
BYTE 0
BYTE 1
BYTE 4
Figure 5. Sample of SPI Write Format (Single-Write Mode)
CLATCH
CCLK
CDATA
COUT
DATA
DATA
DATA
XXX
BYTE 0
BYTE 1
HI-Z
HI-Z
Figure 6. Sample of SPI Read Format (Single-Read Mode)
OVERVIEW
The AD71028 can be controlled using the SPI port. In general,
there are three parameters per processor that can be controlled:
the encoder output level, the Phat Stereo image enhancement
algorithm, and the dialog enhancement algorithm. It is also
possible to write new data into the parameter RAM to alter the
filter coefficients used in the BTSC encoding process. This is a
fairly complex topic unnecessary for normal operation of the
chip, and the details are not included in this data sheet. Please
contact ADI if modifications to the BTSC filters are required.
The SPI port uses a 4-wire interface consisting of CLATCH,
CCLK, CDATA, and COUT signals. The CLATCH signal goes
low at the beginning of a transaction and high at the end of a
transaction. The CCLK signal latches the serial input data on a
low-to-high transition. The CDATA signal carries the serial
input data, and the COUT signal is the serial output data. The
COUT signal remains three-stated until a READ operation is
requested. This allows other SPI compatible peripherals to share
the same readback line. All SPI transactions follow the same
basic format, shown in Figure 5. Figure 6 shows the read format.
The Wb/R bit is low for a write and high for a read operation.
The 10-bit address word is decoded into either a location in the
parameter RAM or one of the SPI registers. The number of data
bytes varies according to the register or memory being accessed.
The detailed data format diagram for continuous-mode
operation is given in the SPI Read/Write Data Formats section.
SPI ADDRESS DECODING
Table 11 shows the address decoding used in the SPI port. The
SPI address space encompasses a set of registers and the param-
eter RAM. The parameter RAM is loaded on power-up from an
on-board boot ROM.
Table 11. SPI Port Address Decoding
SPI Address
Register Name
Read/Write Word Length
0–255
Parameter RAM Processor A
Write: 22 Bits, Read: 22 Bits
256
SPI Control Register Processor A
Write: 11 Bits, Read: N/A
257
Reserved
258
Output Level Processor A
Write: 22 Bits, Read: N/A
259
Stereo Spreading Control Processor A
Write: 22 Bits, Read: N/A
260
Dialog Enhancement Control Processor A
Write: 22 Bits, Read: N/A
512–767
Parameter RAM Processor B
Write: 22 Bits, Read: 22 Bits
768
SPI Control Register Processor B
Write: 22 Bits, Read: N/A
769
Reserved
770
Output Level Processor B
Write: 22 Bits, Read: N/A
771
Stereo Spreading Control Processor B
Write: 22 Bits, Read: N/A
772
Dialog Enhancement Control Processor B
Write: 22 Bits, Read: N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com