Electronic Components Datasheet Search
  English  ▼

X  

AD71028 Datasheet(PDF) 6 Page - Analog Devices

Part # AD71028
Description  Dual Digital BTSC Encoder with Integrated DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD71028 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD71028 Datasheet HTML 2Page - Analog Devices AD71028 Datasheet HTML 3Page - Analog Devices AD71028 Datasheet HTML 4Page - Analog Devices AD71028 Datasheet HTML 5Page - Analog Devices AD71028 Datasheet HTML 6Page - Analog Devices AD71028 Datasheet HTML 7Page - Analog Devices AD71028 Datasheet HTML 8Page - Analog Devices AD71028 Datasheet HTML 9Page - Analog Devices AD71028 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD71028
Rev. 0 | Page 6 of 20
PIN CONFIGURATION AND FUNCTIONAL DESCRIPTIONS
NC = NO CONNECT
AD71028
TOP VIEW
(Not to Scale)
DIV2_PA
1
DIV1_PB
2
DIV2_PB
3
NC
4
NC
5
AGND
OUTB–
OUTB+
AVDD
AGND
36
35
34
33
32
DGND
6
DVDD
7
ODVDD
8
NC
9
NC 10
COUT 11
CDATA 12
AVDD
OUTA+
OUTA–
AGND
NC
31
30
29
28
27
NC
DOUBLE
26
25
13
14
15 16
17
18
19
20
21
22
23
24
48
47
46
45
44 43
42
41
40
39
38
37
Figure 2. 48-Lead Low Profile Quad Flat Pack (LQFP)
Table 9. Pin Function Descriptions
Pin No.
Mnemonic
Input/Output
Description
1
DIV2_PA
OUT
CLK27_PA clock (Pin 40) Divided by 1125
2
DIV1_PB
OUT
PLL_PB Clock (Pin 46) Divided by 512 (DOUBLE = 1) or 1024 (DOUBLE = 0)
3
DIV2_PB
OUT
CLK27_PB Clock (Pin 41) Divided by 1125
4, 5, 9, 10, 26, 27, 39
NC
No Connection
6, 16, 44
DGND
Digital Ground
7, 13, 17, 45
DVDD
Digital Supply for DSP Core
8
ODVDD
Digital Supply for Output Buffers
11
COUT
OUT
SPI Readback
12
CDATA
IN
SPI Control Data Input
14
CCLK
IN
SPI Serial Bit Clock
15
CLATCH
IN
SPI Control Latch Signal
18
RESETB
IN
Reset Signal for Both Processors, Active Low
19
SDATA_PA
IN
Data Input to Processor A
20
BCLK_PA
IN
Bit Clock Signal for Serial Data Input to Processor A
21
LRCLK_PA
IN
Left/Right Framing Signal for Data Input to Processor A
22
SDATA_PB
IN
Data Input to Processor B
23
BCLK_PB
IN
Bit Clock Signal for Serial Data Input to Processor B
24
LRCLK_PB
IN
Left/Right Framing Signal for Data Input to Processor B
25
DOUBLE
IN
Enables Internal Clock Doubler for 12.288 MHz Input (Both Processors)
28, 32, 36
AGND
Analog Ground
29
OUTA–
OUT
Negative Analog Output, Processor A
30
OUTA+
OUT
Positive Analog Output, Processor A
31, 33
AVDD
Analog Supply
34
OUTB+
OUT
Positive Analog Output, Processor B
35
OUTB–
OUT
Negative Analog Output, Processor B
37
REFCAP
IN
Connection Point for 10 µF VREF Filter Capacitor
38
FILTCAP
IN
Connection for Noise Reduction Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com