Electronic Components Datasheet Search
  English  ▼

X  

AD71028 Datasheet(PDF) 1 Page - Analog Devices

Part # AD71028
Description  Dual Digital BTSC Encoder with Integrated DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD71028 Datasheet(HTML) 1 Page - Analog Devices

  AD71028 Datasheet HTML 1Page - Analog Devices AD71028 Datasheet HTML 2Page - Analog Devices AD71028 Datasheet HTML 3Page - Analog Devices AD71028 Datasheet HTML 4Page - Analog Devices AD71028 Datasheet HTML 5Page - Analog Devices AD71028 Datasheet HTML 6Page - Analog Devices AD71028 Datasheet HTML 7Page - Analog Devices AD71028 Datasheet HTML 8Page - Analog Devices AD71028 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Dual Digital BTSC Encoder
with Integrated DAC
AD71028
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
2 complete independent BTSC encoders
Pilot tone generator
Includes subcarrier modulation
Typical 23 dB to 27 dB separation, 16 dB minimum
Signal bandwidth of 14 kHz
Phat-StereoTM algorithm for stereo image enhancement
Dialog enhancement function for playing wide dynamic
range video sources over built-in TV speakers
Includes L-R dual-band compressor
SPI® port for control of modes and effects
Differential output for optimum performance
DAC performance: 92 dB dynamic range, –92 dB THD+N
Output level control for setting aural carrier deviation
Flexible serial data port with right-justified, left-justified,
I2S compatible, and DSP serial port modes
48-lead LQFP plastic package
APPLICATIONS
Digital set-top box BTSC encoder
PRODUCT OVERVIEW
The AD71028 dual digital BTSC encoder provides two complete
digital BTSC encoder channels, including the pilot-tone
generation and subcarrier mixing functions. Two built-in high
performance DACs are provided to output the BTSC baseband
composite signal. The output of the AD71028 can be connected
with minimal external circuitry to the input of a 4.5 MHz aural
FM modulator.
In addition to the BTSC encoders, the AD71028 also includes a
stereo image enhancement function, Phat Stereo, to increase the
sense of spaciousness available from closely spaced TV
loudspeakers. A dialog enhancement algorithm is also included
to solve the problem of playing wide dynamic range sources
over limited-performance TV speakers and amplifiers. An
extensive SPI port allows click-free parameter updates.
The AD71028 also includes ADI’s patented multibit Σ-∆ DAC
architecture. This architecture provides 92 dB SNR and THD+N
of –92 dB.
FUNCTIONAL BLOCK DIAGRAM
SERIAL
INPUT A
SERIAL
INPUT B
SPI I/O
GROUP
SPI PORT
PLL DIVIDERS
PLL DIVIDERS
SERIAL
INPUT
CLOCK
DOUBLER
CLOCK
DOUBLER
SERIAL
INPUT
CONTROL REGISTERS
PARAMETER RAM
BTSC
ENCODER
CORE A
BTSC
ENCODER
CORE B
BTSC
ENCODED
OUTPUT A
BTSC
ENCODED
OUTPUT B
ANALOG
BIAS
CLOCK
SIGNAL
GROUP
DAC
DAC
BIAS
3
3
4
AD71028
Figure 1. Functional Block Diagram


Similar Part No. - AD71028

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD71028 AD-AD71028_15 Datasheet
427Kb / 20P
Dual Digital BTSC Encoder with Integrated DAC
REV. 0
More results

Similar Description - AD71028

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7190 AD-ADV7190 Datasheet
628Kb / 69P
Video Encoder with Six 10-Bit DACs and Video Encoder with Six DAC Outputs
REV.0
AD1970 AD-AD1970 Datasheet
449Kb / 20P
Digital BTSC Encoder with Integrated ADC and DAC
4/05-Revision 0
logo
Holt Integrated Circuit...
HI-1575 HOLTIC-HI-1575 Datasheet
117Kb / 12P
3.3V Dual Transceivers with Integrated Encoder / Decoders
logo
Asahi Kasei Microsystem...
AK4140 AKM-AK4140 Datasheet
822Kb / 42P
Digital BTSC Decoder
AK4145 AKM-AK4145 Datasheet
238Kb / 11P
Digital BTSC Stereo Encoder
AK4140 AKM-AK4140 Datasheet
635Kb / 42P
Digital BTSC Decoder
AK4145 AKM-AK4145 Datasheet
320Kb / 27P
Digital BTSC Stereo Encoder
logo
Analog Devices
AD1970 AD-AD1970_15 Datasheet
450Kb / 20P
Digital BTSC Encoder with Integrated ADC and DAC
REV. 0
AD71028 AD-AD71028_15 Datasheet
427Kb / 20P
Dual Digital BTSC Encoder with Integrated DAC
REV. 0
logo
TRINAMIC Motion Control...
TMCM-110-42-SE TRINAMIC-TMCM-110-42-SE Datasheet
638Kb / 23P
Integrated encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com