Electronic Components Datasheet Search
  English  ▼

X  

TAS5508B Datasheet(PDF) 39 Page - Texas Instruments

Part # TAS5508B
Description  8-Channel Digital Audio PWM Processor
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508B Datasheet(HTML) 39 Page - Texas Instruments

Back Button TAS5508B Datasheet HTML 35Page - Texas Instruments TAS5508B Datasheet HTML 36Page - Texas Instruments TAS5508B Datasheet HTML 37Page - Texas Instruments TAS5508B Datasheet HTML 38Page - Texas Instruments TAS5508B Datasheet HTML 39Page - Texas Instruments TAS5508B Datasheet HTML 40Page - Texas Instruments TAS5508B Datasheet HTML 41Page - Texas Instruments TAS5508B Datasheet HTML 42Page - Texas Instruments TAS5508B Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 106 page
background image
www.ti.com
2.10.2 Compression/Expansion Coefficient Computation Engine Parameters
O1
No Discontinuity +
|T1 * T2|
k1 ) O2 For ( |T1| w |T2| )
T1
SUB_ADDRESS_ENTRY +
*64
*6.0206
+ 10.63
TAS5508B
8-Channel Digital Audio PWM Processor
SLES162B – DECEMBER 2005 – REVISED APRIL 2006
Seven programmable parameters are assigned to each DRC block: two threshold parameters—T1 and
T2, two offset parameters—O1 and O2, and three slope parameters—k0, k1, and k2. The threshold
parameters establish the three regions of the DRC transfer curve, the offsets anchor the transfer curve by
establishing known gain settings at the threshold levels, and the slope parameters define whether a given
region is a compression or an expansion region.
The audio input stream into the DRC must pass through DRC-dedicated programmable input mixers.
These mixers are provided to scale the 32-bit input into the DRC to account for the positioning of the
audio data in the 48-bit DAP word and the net gain or attenuation in signal level between the SAP input
and the DRC. The selection of threshold values must take the gain (attenuation) of these mixers into
account. The DRC implementation examples that follow illustrate the effect these mixers have on
establishing the threshold settings.
T2 establishes the boundary between the high-volume region and the mid-volume region. T1 establishes
the boundary between the mid-volume region and the low-volume region. Both thresholds are set in
logarithmic space, and which region is active for any given rms estimator output sample is determined by
the logarithmic value of the sample.
Threshold T2 serves as the fulcrum or pivot point in the DRC transfer function. O2 defines the boost
(> 0 dB) or cut (< 0 dB) implemented by the DRC-derived gain coefficient for an rms input level of T2. If
O2 = 0 dB, the value of the derived gain coefficient is 1 (0x0080 0000 in 5.23 format). k2 is the slope of
the DRC transfer function for rms input levels above T2, and k1 is the slope of the DRC transfer function
for rms input levels below T2 (and above T1). The labeling of T2 as the fulcrum stems from the fact that
there cannot be a discontinuity in the transfer function at T2. The user can, however, set the DRC
parameters to realize a discontinuity in the transfer function at the boundary defined by T1. If no
discontinuity is desired at T1, the value for the offset term O1 must obey the following equation.
T1 and T2 are the threshold settings in dB, k1 is the slope for region 1, and O2 is the offset in dB at T2. If
the user chooses to select a value of O1 that does not obey the above equation, a discontinuity at T1 is
realized.
Decreasing in volume from T2, the slope k1 remains in effect until the input level T1 is reached. If, at this
input level, the offset of the transfer function curve from the 1 : 1 transfer curve does not equal O1, there
is a discontinuity at this input level as the transfer function is snapped to the offset called for by O1. If no
discontinuity is wanted, O1 and/or k1 must be adjusted so that the value of the transfer curve at input level
T1 is offset from the 1 : 1 transfer curve by the value O1. The examples that follow illustrate both
continuous and discontinuous transfer curves at T1.
Decreasing in volume from T1, starting at offset level O1, slope k0 defines the compression/expansion
activity in the lower region of the DRC transfer curve.
2.10.2.1 Threshold Parameter Computation
For thresholds,
TdB
= –6.0206TINPUT = –6.0206TSUB_ADDRESS_ENTRY
If, for example, it is desired to set T1 = –64 dB, then the subaddress entry required to set T1 to –64 dB is:
T1 is entered as a 48-bit number in 25.23 format. Therefore:
T1 = 10.63
= 0 1010.1010 0001 0100 0111 1010 111
= 0x0000 0550 A3D7 in 25.23 format
Description
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com