Electronic Components Datasheet Search
  English  ▼

X  

TAS5508B Datasheet(PDF) 28 Page - Texas Instruments

Part # TAS5508B
Description  8-Channel Digital Audio PWM Processor
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508B Datasheet(HTML) 28 Page - Texas Instruments

Back Button TAS5508B Datasheet HTML 24Page - Texas Instruments TAS5508B Datasheet HTML 25Page - Texas Instruments TAS5508B Datasheet HTML 26Page - Texas Instruments TAS5508B Datasheet HTML 27Page - Texas Instruments TAS5508B Datasheet HTML 28Page - Texas Instruments TAS5508B Datasheet HTML 29Page - Texas Instruments TAS5508B Datasheet HTML 30Page - Texas Instruments TAS5508B Datasheet HTML 31Page - Texas Instruments TAS5508B Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 106 page
background image
www.ti.com
2−23 Bit
S_xxxx_xxxx_xxxx_xxxx_xxxx_xxxx.xxxx_xxxx_xxxx_xxxx_xxxx_xxx
20 Bit
216 Bit
222 Bit
Sign Bit
223 Bit
2−1 Bit
2−10 Bit
M0007-02
(1 or 0) y 223 + (1 or 0) y 222 + … + (1 or 0) y 20 + (1 or 0) y 2−1 + … + (1 or 0) y 2−23
223 Bit
222 Bit
20 Bit
2−1 Bit
2−23 Bit
M0008-02
TAS5508B
8-Channel Digital Audio PWM Processor
SLES162B – DECEMBER 2005 – REVISED APRIL 2006
concatenated with the hex value of the fractional part of the gain coefficient to form the 32-bit I2C
coefficient. The reason is that the 28-bit coefficient contains 5 bits of integer, and thus the integer part of
the coefficient occupies all of one hex digit and the most significant bit of the second hex digit. In the same
way, the fractional part occupies the lower three bits of the second hex digit, and then occupies the other
five hex digits (with the eighth digit being the zero-valued most significant hex digit).
2.3.2.2 48-Bit 25.23 Number Format
All level adjustment and threshold coefficients are 48-bit coefficients using a 25.23 number format.
Numbers formatted as 25.23 numbers have 25 bits to the left of the decimal point and 23 bits to the right
of the decimal point. This is shown in Figure 2-7.
Figure 2-7. 25.23 Format
Figure 2-8 shows the derivation of the decimal value of a 48-bit 25.23 format number.
Figure 2-8. Conversion Weighting Factors—25.23 Format to Floating Point
Two 32-bit words must be sent over the I2C bus to download a level or threshold coefficient into the
TAS5508B. The alignment of the 48-bit, 25.23 formatted coefficient in the 8-byte (two 32-bit words) I2C
word is shown in Figure 2-9.
28
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com