Electronic Components Datasheet Search
  English  ▼

X  

TAS5508B Datasheet(PDF) 49 Page - Texas Instruments

Part # TAS5508B
Description  8-Channel Digital Audio PWM Processor
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508B Datasheet(HTML) 49 Page - Texas Instruments

Back Button TAS5508B Datasheet HTML 45Page - Texas Instruments TAS5508B Datasheet HTML 46Page - Texas Instruments TAS5508B Datasheet HTML 47Page - Texas Instruments TAS5508B Datasheet HTML 48Page - Texas Instruments TAS5508B Datasheet HTML 49Page - Texas Instruments TAS5508B Datasheet HTML 50Page - Texas Instruments TAS5508B Datasheet HTML 51Page - Texas Instruments TAS5508B Datasheet HTML 52Page - Texas Instruments TAS5508B Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 106 page
background image
www.ti.com
3.3
Device Configuration Controls
3.3.1
Channel Configuration Registers
TAS5508B
8-Channel Digital Audio PWM Processor
SLES162B – DECEMBER 2005 – REVISED APRIL 2006
The TAS5508B provides a number of system configuration controls that are set at initialization and
following a reset.
• Channel configuration
• Headphone configuration
• Audio system configurations
• Recovery from clock error
• Power-supply volume-control enable
• Volume and mute update rate
• Modulation index limit
• Master-clock and data-rate controls
• Bank controls
For the TAS5508B to have full control of the power stages, registers 0x05 to 0x0C must be programmed
to reflect the proper power stage and how each one should be controlled. There are eight channel
configuration registers, one for each channel. For information on using BKND_ERR and VALID, see
Section 3.2.3.1
The primary reason for using these registers is that different power stages require different handling
during start-up, mute/unmute, shutdown, and error recovery. The TAS5508B must select the sequence
that gives the best click and pop performance and ensures that the bootstrap capacitor is charged
correctly during start-up. This sequence depends on which power stage is present at the TAS5508B
output.
Table 3-5. Description of the Channel Configuration Registers (0x05 to 0x0C)
BIT
DESCRIPTION
D7
Enable/disable error recovery sequence. In case the BKND_ERR pin is pulled low, this register determines if this channel is to
follow the error recovery sequence or to continue with no interruption.
D6
Determines if the power stage needs the TAS5508B VALID pin to go low to reset the power stage. Some power stages can be
reset by a combination of PWM signals. For these devices, it is recommended to set this bit low, because the VALID pin is
shared for power stages. This provides better control of each power stage.
D5
Determines if the power stage needs the TAS5508B VALID pin to go low to mute the power stage. Some power stages can be
muted by a combination of PWM signals. For these devices, it is recommended to set this bit low, because the VALID pin is
shared for power stages. This provides better control of each power stage.
D4
Inverts the PWM output. Inverting the PWM output can be an advantage if the power stage input pin is opposite the TAS5508B
PWM pinout. This makes routing on the PCB easier. To keep the phase of the output, the speaker terminals must also be
inverted.
D3
When using the TAS5182 power stage this bit must be set.
D2
Can be used to handle click and pop for some applications.
D1
This bit is normally used together with D2. For some power stages, both PWM signals must be high to get the desired operation
of both speaker outputs to be low. This bit sets the PWM outputs high-high during mute.
D0
Not used
Table 3-6 lists the optimal setting for each output-stage configuration. Note that the default value is
applicable in all configurations except the TAS5182 SE/BTL configuration.
TAS5508B Controls and Status
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com