Electronic Components Datasheet Search
  English  ▼

X  

74HC154 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74HC154
Description  4-to-16 line decoder/demultiplexer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC154 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74HC154 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC154 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC154 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC154 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC154 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC154 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC154 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC154 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC154 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Nexperia
74HC154; 74HCT154
4-to-16 line decoder/demultiplexer
5.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
Y0, Y1, Y2, Y3, Y4, Y5, Y6, Y7,
Y8, Y9, Y10, Y11, Y12, Y13, Y14, Y15
1, 2, 3, 4, 5, 6, 7, 8,
9, 10, 11, 13, 14, 15, 16, 17
data output (active LOW)
GND
12
ground (0 V)
E0, E1
18, 19
enable input (active LOW)
A0, A1, A2, A3
23, 22, 21, 20
address input
VCC
24
supply voltage
6. Functional description
Table 3. Function table
H = HIGH voltage level; L = LOW voltage level; X = don’t care.
Input
Output
E0 E1 A0 A1 A2 A3 Y0 Y1 Y2 Y3 Y4 Y5
Y6
Y7
Y8
Y9 Y10 Y11 Y12 Y13 Y14 Y15
H
H
X
X
X
X
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
L
X
X
X
X
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
L
H
X
X
X
X
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
L
L
L
L
L
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
L
L
L
H
L
H
H
H
H
H
H
H
H
H
H
H
H
H
H
L
H
L
L
H
H
L
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
L
L
H
H
H
L
H
H
H
H
H
H
H
H
H
H
H
H
L
L
H
L
H
H
H
H
L
H
H
H
H
H
H
H
H
H
H
H
H
L
H
L
H
H
H
H
H
L
H
H
H
H
H
H
H
H
H
H
L
H
H
L
H
H
H
H
H
H
L
H
H
H
H
H
H
H
H
H
H
H
H
L
H
H
H
H
H
H
H
L
H
H
H
H
H
H
H
H
L
L
L
H
H
H
H
H
H
H
H
H
L
H
H
H
H
H
H
H
H
L
L
H
H
H
H
H
H
H
H
H
H
L
H
H
H
H
H
H
L
H
L
H
H
H
H
H
H
H
H
H
H
H
L
H
H
H
H
H
H
H
L
H
H
H
H
H
H
H
H
H
H
H
H
L
H
H
H
H
L
L
H
H
H
H
H
H
H
H
H
H
H
H
H
H
L
H
H
H
H
L
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
L
H
H
L
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
L
H
L
L
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
L
74HC_HCT154
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 9 — 19 August 2021
4 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com