Electronic Components Datasheet Search
  English  ▼

X  

74HC154 Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # 74HC154
Description  4-to-16 line decoder/demultiplexer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC154 Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button 74HC154 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC154 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC154 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC154 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC154 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC154 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC154 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC154 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74HC154 Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Nexperia
74HC154; 74HCT154
4-to-16 line decoder/demultiplexer
10. Dynamic characteristics
Table 8. Dynamic characteristics
GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit, see Fig. 9.
25 °C
-40 °C to +85 °C -40 °C to +125 °C
Symbol Parameter
Conditions
Min Typ Max
Min
Max
Min
Max
Unit
74HC154
An to Yn; see Fig. 7
[1]
VCC = 2.0 V
-
36
150
-
190
-
225
ns
VCC = 4.5 V
-
13
30
-
38
-
45
ns
VCC = 5 V; CL = 15 pF
-
11
-
-
-
-
-
ns
VCC = 6.0 V
-
10
26
-
33
-
38
ns
En to Yn; see Fig. 8
VCC = 2.0 V
-
39
150
-
190
-
225
ns
VCC = 4.5 V
-
14
30
-
38
-
45
ns
VCC = 5 V; CL = 15 pF
-
11
-
-
-
-
-
ns
tpd
propagation
delay
VCC = 6.0 V
-
11
26
-
33
-
38
ns
see Fig. 7 and Fig. 8
[2]
VCC = 2.0 V
-
19
75
-
95
-
110
ns
VCC = 4.5 V
-
7
15
-
19
-
22
ns
tt
transition time
VCC = 6.0 V
-
6
13
-
16
-
19
ns
CPD
power
dissipation
capacitance
per gate; VI = GND to VCC [3]
-
60
-
-
-
-
-
pF
74HCT154
An to Yn; see Fig. 7
[1]
VCC = 4.5 V
-
16
35
-
44
-
53
ns
VCC = 5 V; CL = 15 pF
-
13
-
-
-
-
-
ns
En to Yn; see Fig. 8
VCC = 4.5 V
-
15
32
-
40
-
48
ns
tpd
propagation
delay
VCC = 5 V; CL = 15 pF
-
13
-
-
-
-
-
ns
see Fig. 7 and Fig. 8
[2]
tt
transition time
VCC = 4.5 V
-
7
15
-
19
-
22
ns
CPD
power
dissipation
capacitance
per gate;
VI = GND to (VCC - 1.5 V)
[3]
-
60
-
-
-
-
-
pF
[1] tpd is the same as tPLH and tPHL
[2] tt is the same as tTLH and tTHL
[3] CPD is used to determine the dynamic power dissipation (PD in μW).
PD = CPD × VCC 2 × fi × N + Σ(CL × VCC 2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of load switching outputs;
Σ(CL × VCC 2 × fo) = sum of the outputs.
74HC_HCT154
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 9 — 19 August 2021
9 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com