Electronic Components Datasheet Search
  English  ▼

X  

74HC154 Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # 74HC154
Description  4-to-16 line decoder/demultiplexer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC154 Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 74HC154 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC154 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC154 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC154 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC154 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC154 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC154 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC154 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC154 Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Nexperia
74HC154; 74HCT154
4-to-16 line decoder/demultiplexer
Table 7. Static characteristics 74HCT154
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 °C
VIH
HIGH-level input voltage
VCC = 4.5 V to 5.5 V
2.0
1.6
-
V
VIL
LOW-level input voltage
VCC = 4.5 V to 5.5 V
-
1.2
0.8
V
VI = VIH or VIL
VCC = 4.5 V; IO = -20 μA
4.4
4.5
-
V
VOH
HIGH-level output voltage
VCC = 4.5 V; IO = -4 mA
3.98
4.32
-
V
VI = VIH or VIL
VCC = 4.5 V; IO = 20 μA
-
0
0.1
V
VOL
LOW-level output voltage
VCC = 4.5 V; IO = 4 mA
-
0.15
0.25
V
II
input leakage current
VCC = 5.5 V; VI = VCC or GND
-
-
±0.1
μA
ICC
supply current
VCC = 5.5 V; VI = VCC or GND; IO = 0 A
-
-
8.0
μA
ΔICC
additional supply current
per input pin; VCC = 4.5 V to 5.5 V;
VI = VCC - 2.1 V; IO = 0 A
-
-
360
μA
CI
input capacitance
-
3.5
-
pF
Tamb = -40 °C to +85 °C
VIH
HIGH-level input voltage
VCC = 4.5 V to 5.5 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 4.5 V to 5.5 V
-
-
0.8
V
VI = VIH or VIL
VCC = 4.5 V; IO = -20 μA
4.4
-
-
V
VOH
HIGH-level output voltage
VCC = 4.5 V; IO = -4 mA
3.84
-
-
V
VI = VIH or VIL
VCC = 4.5 V; IO = 20 μA
-
-
0.1
V
VOL
LOW-level output voltage
VCC = 4.5 V; IO = 4 mA
-
-
0.33
V
II
input leakage current
VCC = 5.5 V; VI = VCC or GND
-
-
±1.0
μA
ICC
supply current
VCC = 5.5 V; VI = VCC or GND; IO = 0 A
-
-
80
μA
ΔICC
additional supply current
per input pin; VCC = 4.5 V to 5.5 V;
VI = VCC - 2.1 V; IO = 0 A
-
-
450
μA
Tamb = -40 °C to +125 °C
VIH
HIGH-level input voltage
VCC = 4.5 V to 5.5 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 4.5 V to 5.5 V
-
-
0.8
V
VI = VIH or VIL
VCC = 4.5 V; IO = -20 μA
4.4
-
-
V
VOH
HIGH-level output voltage
VCC = 4.5 V; IO = -4 mA
3.7
-
-
V
VI = VIH or VIL
VCC = 4.5 V; IO = 20 μA
-
-
0.1
V
VOL
LOW-level output voltage
VCC = 4.5 V; IO = 4 mA
-
-
0.4
V
II
input leakage current
VCC = 5.5 V; VI = VCC or GND
-
-
±1.0
μA
ICC
supply current
VCC = 5.5 V; VI = VCC or GND; IO = 0 A
-
-
160
μA
ΔICC
additional supply current
per input pin; VCC = 4.5 V to 5.5 V;
VI = VCC - 2.1 V; IO = 0 A
-
-
490
μA
74HC_HCT154
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 9 — 19 August 2021
8 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com