Electronic Components Datasheet Search
  English  ▼

X  

74HC154 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74HC154
Description  4-to-16 line decoder/demultiplexer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC154 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74HC154 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC154 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC154 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC154 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC154 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC154 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC154 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC154 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC154 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
74HC154; 74HCT154
4-to-16 line decoder/demultiplexer
Rev. 9 — 19 August 2021
Product data sheet
1. General description
The 74HC154; 74HCT154 is a 4-to-16 line decoder/demultiplexer. It decodes four binary weighted
address inputs (A0 to A3) to sixteen mutually exclusive outputs (Y0 to Y15). The device features
two input enable (E0 and E1) inputs. A HIGH on either of the input enables forces the outputs
HIGH. The device can be used as a 1-to-16 demultiplexer by using one of the enable inputs as
the multiplexed data input. When the other enable input is LOW the addressed output will follow
the state of the applied data. Inputs include clamp diodes. This enables the use of current limiting
resistors to interface inputs to voltages in excess of VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• 16-line demultiplexing capability
• Decodes 4 binary-coded inputs into 16 mutually-exclusive outputs
• Input levels:
• For 74HC154: CMOS level
• For 74HCT154: TTL level
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74HC154D
74HCT154D
-40 °C to +125 °C
SO24
plastic small outline package; 24 leads; body width 7.5 mm SOT137-1
74HC154PW
74HCT154PW
-40 °C to +125 °C
TSSOP24
plastic thin shrink small outline package; 24 leads;
body width 4.4 mm
SOT355-1
74HC154BQ
74HCT154BQ
-40 °C to +125 °C
DHVQFN24 plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads; 24 terminals;
body 3.5 × 5.5 × 0.85 mm
SOT815-1


Similar Part No. - 74HC154

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC154 PHILIPS-74HC154 Datasheet
59Kb / 7P
4-to-16 line decoder/demultiplexer
September 1993
74HC154 PHILIPS-74HC154 Datasheet
144Kb / 22P
4-to-16 line decoder/demultiplexer
2004 Oct 12
74HC154 NXP-74HC154 Datasheet
138Kb / 21P
4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
74HC154 NXP-74HC154 Datasheet
138Kb / 21P
4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
logo
Silicon Supplies
74HC154 SS-74HC154 Datasheet
1Mb / 6P
Dual 1-of-16 Decoder / Demultiplexer in bare die form
Rev 1.0 30/05/22
More results

Similar Description - 74HC154

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C154 NSC-MM54C154 Datasheet
101Kb / 4P
4-Line to 16-Line Decoder/Demultiplexer
logo
NXP Semiconductors
74HC154 PHILIPS-74HC154 Datasheet
59Kb / 7P
4-to-16 line decoder/demultiplexer
September 1993
74LV154 PHILIPS-74LV154 Datasheet
131Kb / 12P
4-to-16 line decoder/demultiplexer
1998 Apr 28
logo
STMicroelectronics
M74HC154 STMICROELECTRONICS-M74HC154 Datasheet
170Kb / 8P
4 TO 16 LINE DECODER/DEMULTIPLEXER
Oct-1993
logo
Fairchild Semiconductor
DM74LS154 FAIRCHILD-DM74LS154 Datasheet
52Kb / 5P
4-Line to 16-Line Decoder/Demultiplexer
MM74C154 FAIRCHILD-MM74C154 Datasheet
51Kb / 6P
4-Line to 16-Line Decoder/Demultiplexer
logo
NXP Semiconductors
74HCT154 PHILIPS-74HCT154 Datasheet
144Kb / 22P
4-to-16 line decoder/demultiplexer
2004 Oct 12
74HC154 NXP-74HC154 Datasheet
138Kb / 21P
4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
74HC154D NXP-74HC154D Datasheet
138Kb / 21P
4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
74HC_HCT154 PHILIPS-74HC_HCT154_15 Datasheet
138Kb / 21P
4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com