Electronic Components Datasheet Search
  English  ▼

X  

74HC154 Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # 74HC154
Description  4-to-16 line decoder/demultiplexer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC154 Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button 74HC154 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC154 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC154 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC154 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC154 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC154 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC154 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74HC154 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74HC154 Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Nexperia
74HC154; 74HCT154
4-to-16 line decoder/demultiplexer
10.1. Waveforms and test circuit
001aab073
tPLH
tPHL
tTLH
90 %
10 %
VM
tTHL
90 %
10 %
VM
VM
VM
An input
Yn output
GND
VI
VOH
VOL
Measurement points are given in Table 9.
Fig. 7. Propagation delay address input (An) to output
(Yn) and transition time output (Yn)
001aab074
tTHL
90 %
10 %
En input
Yn output
GND
VI
VOH
VOL
tPHL
tPLH
VM
tTLH
90 %
10 %
VM
VM
VM
Measurement points are given in Table 9.
Fig. 8. Propagation delay enable input (En) to output
(Yn) and transition time output (Yn)
Table 9. Measurement points
Input
Output
Type
VM
VM
74HC154
0.5VCC
0.5VCC
74HCT154
1.3 V
1.3 V
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aad983
DUT
VCC
VCC
VI
VO
RT
RL
S1
CL
open
G
Test data is given in Table 10.
Definitions for test circuit:
RT = Termination resistance; should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
RL = Load resistor.
S1 = Test selection switch.
Fig. 9. Test circuit for measuring switching times
74HC_HCT154
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 9 — 19 August 2021
10 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com