Electronic Components Datasheet Search
  English  ▼

X  

WM8985 Datasheet(PDF) 65 Page - Wolfson Microelectronics plc

Part # WM8985
Description  Multimedia CODEC With Class D Headphone and Line Out
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985 Datasheet(HTML) 65 Page - Wolfson Microelectronics plc

Back Button WM8985 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 69Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 118 page
background image
Pre-Production
WM8985
w
PP, Rev 3.4, October 2006
65
Headphone Output using DC Blocking Capacitors
DC Coupled Headphone Output
Figure 26 Recommended Headphone Output Configurations
When DC blocking capacitors are used, their capacitance and the load resistance together
determine the lower cut-off frequency of the output signal, fc. Increasing the capacitance lowers fc,
improving the bass response. Smaller capacitance values will diminish the bass response.
Assuming a 16
Ω load and C1, C2 = 220µF:
fc = 1 / 2
π RLC1 = 1 / (2π x 16Ω x 220µF) = 45 Hz
In the DC coupled configuration, the headphone pseudo-ground is connected to the buffered midrail
reference pin (LOUT2 or ROUT2). The L/ROUT2 pins can be configured as a DC output driver by
setting the LOUT2MUTE and ROUT2MUTE register bits. The DC voltage on VMID in this
configuration is equal to the DC offset on the LOUT1 and ROUT1 pins therefore no DC blocking
capacitors are required. This saves space and material cost in portable applications.
It is not recommended to use DC-coupling to line inputs of another device. Although the built-in short
circuit protection on the headphone outputs would be tolerant of shorts to ground, such a connection
could be noisy, and may not function properly if the other device is grounded. DC-coupled
configurations should only be used with headphones.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com