Electronic Components Datasheet Search
  English  ▼

X  

WM8985 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8985
Description  Multimedia CODEC With Class D Headphone and Line Out
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8985 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 118 page
background image
WM8985
Pre-Production
w
PP, Rev 3.4, October 2006
12
Test Conditions
DCVDD=1.8V, AVDD1=AVDD2=DBVDD=3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, 24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC to left and right mixer into headphone 16Ω load on LOUT2 and ROUT2, Class AB mode
LOUT2VOL, ROUT2VOL, DACLVOL and DACRVOL = 0dB
Full-scale output
AVDD1/3.3
Vrms
A-weighted
AVDD1=AVDD2=3.3V
97
dB
Signal to Noise Ratio 3
SNR
22Hz to 20kHz
AVDD1=AVDD2=3.3V
95.5
dB
Total Harmonic Distortion 4
THD
Po = 20mW, RL=16Ω
-79
-70
dBFS
Total Harmonic Distortion + Noise 5
THD+N
Po = 20mW, RL=16Ω
-75
TBC
dBFS
Channel Separation
6
1kHz signal
100
dB
DAC to left and right mixer into headphone 16Ω load on LOUT2 and ROUT2, Class D mode, Lfilter = 33nH Cfilter = 220nf
LOUT2VOL, ROUT2VOL, DACLVOL and DACRVOL = 0Db
Full-scale output
AVDD1/3.3
Vrms
Signal to Noise Ratio 3
SNR
A-weighted
AVDD1=AVDD2=3.3V
80
90
dB
Total Harmonic Distortion 4
THD
Po = 20mW, RL=16Ω
-79
dBFS
Channel Separation 6
1kHz signal
100
dB
PWM Rise Time
1.5
ns
PWM Fall Time
1.5
ns
PWM Switching Frequency
DCLKDIV = 1000
1.4
MHz
Efficiency
RL = 16Ω, tPW = 20ns,
PO = 20mW
72
%
Power Supply Rejection
PSRR
100mVpp ripple @217Hz
injected on AVDD2
70
dB
Idle Current
No analogue output signal
on either channel
0.5
mA
Bypass paths to left and right output mixers. BYPL2LMIX = 1 and BYPR2RMIX = 1
PGA gain range into mixer
Gain adjusted by
BYPLMIXVOL and
BYPRMIXVOL
-15
0
+6
dB
BYPLMIXVOL and BYPRMIXVOL
gain step into mixer
3
dB
Mute attenuation
BYPL2LMIX = 0
BYPR2RMIX = 0
100
dB
Analogue outputs (LOUT1, ROUT1, LOUT2, ROUT2)
Programmable Gain range
Gain adjusted by
L/ROUT1VOL and
L/ROUT2VOL
-57
0
+6
dB
Programmable Gain step size
Monotonic
1
dB
Mute attenuation
1kHz, full scale signal
L/ROUT1MUTE = 1
L/ROUT2MUTE = 1
85
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com