Electronic Components Datasheet Search
  English  ▼

X  

WM8985 Datasheet(PDF) 67 Page - Wolfson Microelectronics plc

Part # WM8985
Description  Multimedia CODEC With Class D Headphone and Line Out
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985 Datasheet(HTML) 67 Page - Wolfson Microelectronics plc

Back Button WM8985 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 71Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 118 page
background image
Pre-Production
WM8985
w
PP, Rev 3.4, October 2006
67
CLASS D / CLASS AB HEADPHONE OUTPUTS (LOUT2 AND ROUT2)
The outputs LOUT2 and ROUT2 are designed to drive two headphone loads of 16
Ω or 32Ω or line
outputs (See Headphone Output and Line Output sections, respectively). Each output has an
individual volume control PGA, a mute and an enable control bit as shown in Figure 27. LOUT2 and
ROUT2 output the left and right channel mixer outputs respectively.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R7 (07h)
7:4
DCLKDIV
1000
Controls clock division from
SYSCLK to generate suitable class
D clock.
Recommended class D clock
frequency = 1.4MHz.
0000 = divide by 1
0010 = divide by 2
0011 = divide by 3
0100 = divide by 4
0101 = divide by 5.5
0110 = divide by 6
1000 = divide by 8
1001 = divide by 12
1010 = divide by 16
R23 (17h)
8
CLASSDEN
0
Enable signal for class D mode on
LOUT2 and ROUT2
0 = Class AB mode
1 = Class D mode
Table 35 Class D Control Registers
When driving headphones using class D outputs it is necessary to use appropriate filtering, placed
close to the device, to minimise EMI emissions from the headphone cable (Refer to "Applications
Information" for more information). This filtering does not prevent class AB mode operation.
Figure 27 LOUT2 and ROUT2 Class D Headphone Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com