Electronic Components Datasheet Search
  English  ▼

X  

WM8985 Datasheet(PDF) 78 Page - Wolfson Microelectronics plc

Part # WM8985
Description  Multimedia CODEC With Class D Headphone and Line Out
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985 Datasheet(HTML) 78 Page - Wolfson Microelectronics plc

Back Button WM8985 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 82Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 118 page
background image
WM8985
Pre-Production
w
PP, Rev 3.4, October 2006
78
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
MS
0
Sets the chip to be master over LRC
and BCLK
0 = BCLK and LRC clock are inputs
1 = BCLK and LRC clock are outputs
generated by the WM8985 (MASTER)
4:2
BCLKDIV
000
Configures the BCLK output frequency,
for use when the chip is master over
BCLK.
000 = divide by 1 (BCLK=SYSCLK)
001 = divide by 2 (BCLK=SYSCLK/2)
010 = divide by 4 (BCLK=SYSCLK/4)
011 = divide by 8 (BCLK=SYSCLK/8)
100 = divide by 16 (BCLK=SYSCLK/16)
101 = divide by 32 (BCLK=SYSCLK/32)
110 = reserved
111 = reserved
7:5
MCLKDIV
010
Sets the scaling for SYSCLK clock
output (under control of CLKSEL)
000 = divide by 1 (LRC=SYSCLK/128)
001 = divide by 1.5 (LRC=SYSCLK/192)
010 = divide by 2 (LRC=SYSCLK/256)
011 = divide by 3 (LRC=SYSCLK/384)
100 = divide by 4 (LRC=SYSCLK/512)
101 = divide by 6 (LRC=SYSCLK/768)
110 = divide by 8 (LRC=SYSCLK/1024)
111 = divide by 12 (LRC=SYSCLK/1536)
R6 (06h)
Clock
Generation
Control
8
CLKSEL
1
Controls the source of the clock for all
internal operation:
0 = MCLK
1 = PLL output
Table 44 Clock Control
AUDIO SAMPLE RATES
The WM8985 ADC high pass filter, ALC and DAC limiter characteristics are sample rate dependent.
SR should be set to the correct sample rate or the closest value if the actual sample rate is not
available.
If a sample rate that is not explicitly supported by the SR register settings is required then the
closest SR value to that sample rate should be chosen. The filter characteristics and the ALC attack
decay and hold times will scale appropriately.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R7 (07h)
Additional
Control
3:1
SR
000
Approximate sample rate (configures the
coefficients for the internal digital filters):
000 = 48kHz
001 = 32kHz
010 = 24kHz
011 = 16kHz
100 = 12kHz
101 = 8kHz
110-111 = reserved
Table 45 Sample Rate Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com