Electronic Components Datasheet Search
  English  ▼

X  

LTC4062 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4062
Description  Standalone Linear Li-Ion Battery Charger with Micropower Comparator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4062 Datasheet(HTML) 1 Page - Linear Technology

  LTC4062 Datasheet HTML 1Page - Linear Technology LTC4062 Datasheet HTML 2Page - Linear Technology LTC4062 Datasheet HTML 3Page - Linear Technology LTC4062 Datasheet HTML 4Page - Linear Technology LTC4062 Datasheet HTML 5Page - Linear Technology LTC4062 Datasheet HTML 6Page - Linear Technology LTC4062 Datasheet HTML 7Page - Linear Technology LTC4062 Datasheet HTML 8Page - Linear Technology LTC4062 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC4062
1
4062f
■ Charge Current Programmable up to 1A
■
Charges Single Cell Li-Ion Batteries Directly from
USB Port
■ Preset Float Voltage with
±0.35% Accuracy
■
Micropower Comparator for Battery Monitoring
■ Thermal Regulation Maximizes Charge Rate
Without Risk of Overheating*
■
Programmable Charge Current Detection/
Termination
■ Programmable Charge Termination Timer
■
Smart Pulsing Error Feature
■ SmartStart
TM Prolongs Battery Life
■ 20µA Charger Quiescent Current in Shutdown
■
Available in a Low Profile (0.75mm) 10-Lead
(3mm × 3mm) DFN Package
TYPICAL APPLICATIO
FEATURES
DESCRIPTIO
Standalone Linear Li-Ion
Battery Charger with
Micropower Comparator
APPLICATIO S
■
Handheld Computers
■ Portable MP3 Players
■ Digital Cameras
Complete Charge Cycle (1100mAh Battery)
, LTC and LT are registered trademarks of Linear Technology Corporation.
SmartStart is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
*Protected by U.S. Patents, including 6522118.
The LTC
®4062 is a full-featured, flexible, standalone linear
charger for single-cell Lithium-Ion batteries. It is capable
of operating within USB power specifications.
Both programmable time and programmable current based
termination schemes are available. Furthermore, the CHRG
open-drain status pin can be programmed to indicate the
battery charge state according to the needs of the applica-
tion. A precise low power comparator is available even
with no power applied as long as battery voltage is higher
than 2.5V. Additional safety features designed to maxi-
mize battery lifetime and reliability include the SmartStart
charging algorithm.
No external sense resistor or external blocking diode is
required for charging due to the internal MOSFET architec-
ture. Internal thermal feedback regulates the charge cur-
rent to maintain a constant die temperature during high
power operation or high ambient temperature conditions.
The charge current is programmed with an external resis-
tor. With power applied, the LTC4062 can be put into
shutdown mode to reduce the supply current to 20µA and
the battery drain current to less than 2µA. Without power
applied, the internal low power comparator can work
sinking only 10µA from the battery.
Other features include smart recharge, USB C/5 current
programming input and undervoltage lockout.
TIME (HOURS)
0
0.5
1.5
2.5
3.0
2.0
900
800
700
600
500
400
300
200
100
0
4.3
4.2
4.1
4.0
3.9
3.8
3.7
3.6
3.5
3.4
4062 TA01b
1.0
BATTERY
CURRENT
BATTERY
VOLTAGE
VCC = 5V
TA = 25°C
800mA Single Cell Li-Ion Battery Charger
(C/10 Termination)
+
TIMER
PROG
EN
C/5
I
OUT
BAT
VIN
4.3V TO 8V
IN+
DET
LTC4062
GND
619Ω
100k
715k
347k
800mA
1µF
4062 TA01
SINGLE CELL
Li-Ion BATTERY
VCC
BAT > 3V BAT < 3V


Similar Part No. - LTC4062

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC4062 LINEAR-LTC4062 Datasheet
195Kb / 18P
Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4062 LINER-LTC4062 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4062 LINER-LTC4062 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4062 LINER-LTC4062_15 Datasheet
184Kb / 20P
Standalone Linear Li-Ion Battery Charger with Micropower Comparator
More results

Similar Description - LTC4062

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4068-4.2 LINER-LTC4068-4.2 Datasheet
143Kb / 12P
Standalone Linear Li-Ion Battery Charger with Programmable Termination
logo
SHANGHAI BELLING CO., L...
BL4054 BELLING-BL4054 Datasheet
337Kb / 16P
800mA Standalone Linear Li-Ion Battery Charger
logo
Linear Technology
LTC4062 LINER-LTC4062_15 Datasheet
184Kb / 20P
Standalone Linear Li-Ion Battery Charger with Micropower Comparator
logo
First Silicon Co., Ltd
FC5754 FS-FC5754 Datasheet
795Kb / 19P
Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP28057A POWER-LP28057A Datasheet
416Kb / 7P
1A Standalone Linear Li-Ion Battery Charger
LP4054H POWER-LP4054H Datasheet
354Kb / 8P
600mA Standalone Linear Li-Ion Battery Charger
LP4056H POWER-LP4056H Datasheet
416Kb / 7P
1A Standalone Linear Li-Ion Battery Charger
LP4074 POWER-LP4074 Datasheet
353Kb / 8P
600mA Standalone Linear Li-Ion Battery Charger
LP4075 POWER-LP4075 Datasheet
310Kb / 7P
600mA Standalone Linear Li-Ion Battery Charger
logo
List of Unclassifed Man...
XT2055 ETC1-XT2055 Datasheet
257Kb / 10P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com