Electronic Components Datasheet Search
  English  ▼

X  

LTC4062 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4062
Description  Standalone Linear Li-Ion Battery Charger with Micropower Comparator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4062 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4062 Datasheet HTML 2Page - Linear Technology LTC4062 Datasheet HTML 3Page - Linear Technology LTC4062 Datasheet HTML 4Page - Linear Technology LTC4062 Datasheet HTML 5Page - Linear Technology LTC4062 Datasheet HTML 6Page - Linear Technology LTC4062 Datasheet HTML 7Page - Linear Technology LTC4062 Datasheet HTML 8Page - Linear Technology LTC4062 Datasheet HTML 9Page - Linear Technology LTC4062 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC4062
6
4062f
EN Pin Threshold Voltage
(On-to-Off) vs Temperature
Shutdown Supply Current vs
Temperature and VCC
C/5 Pin Threshold Voltage
(High-to-Low) vs Temperature
CHRG Pin Output Low Voltage vs
Temperature
OUT Pin Output Low Voltage vs
Temperature
CHRG Pin I-V Curve
OUT Pin I-V Curve
4062 G22
4062 G25
4062 G26
TEMPERATURE (°C)
–50
25
75
–25
0
50
100
900
850
800
750
700
650
600
TEMPERATURE (°C)
–50
0.6
0.5
0.4
0.3
0.2
0.1
0
25
75
–25
0
50
100
TEMPERATURE (°C)
–50
0.6
0.5
0.4
0.3
0.2
0.1
0
25
75
–25
0
50
100
VCC = 5V
VCC = 5V
IOUT = 5mA
VCC = 5V
ICHRG = 5mA
TEMPERATURE (°C)
–50
900
850
800
750
700
650
600
–25
025
50
4062 G21
75
100
TEMPERATURE (°C)
–50
70
60
50
40
30
20
10
–25
025
50
4062 G23
75
100
VCC = 5V
EN = VCC
VCC = 4.3V
VCC = 8V
VCC = 5V
4062 G24
VOUT (V)
04
1
2
3
160
140
120
100
80
60
40
20
0
VCC = 5V
VBAT = 4V
TA = –40°C
TA = 25°C
TA = 90°C
VCHRG (V)
0
160
140
120
100
80
60
40
20
0
1
23
4
4062 G27
VCC = 5V
VBAT = 4V
TA = 25°C
TA = –40°C
TA = 90°C
IN+ ≥ 1.05V
TYPICAL PERFOR A CE CHARACTERISTICS TA = 25°C unless otherwise noted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com